Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH15 Datasheet(PDF) 6 Page - Rohm

Part # MCH15
Description  Multi-layer ceramic chip capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH15 Datasheet(HTML) 6 Page - Rohm

Back Button MCH15 Datasheet HTML 2Page - Rohm MCH15 Datasheet HTML 3Page - Rohm MCH15 Datasheet HTML 4Page - Rohm MCH15 Datasheet HTML 5Page - Rohm MCH15 Datasheet HTML 6Page - Rohm MCH15 Datasheet HTML 7Page - Rohm MCH15 Datasheet HTML 8Page - Rohm MCH15 Datasheet HTML 9Page - Rohm MCH15 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MCH15
Ceramic capacitors
!
Packaging specifications
Taping
Reel
Bulk case
MCH15
50,000pcs/case
EIAJ ET-7201 A compliant
12
slider
shutter
36
110
φ180 mm plastic reel
φ330 mm plastic reel
11.4
± 1.0
Label position
EIAJ ET-7200A compliant
Label position
13.5
± 1.0
(Units : mm)
C
E
D
H
F
A
B
φJ
t
t1
(Paper taping)
Pulling direction
Symbol
Dimensions
C
8.0
±0.3
E
1.75
±0.1
F
2.0
±0.05
Jt
0.7
±0.05
t1
0.8
MAX.
D
3.5
±0.05
H
4.0
±0.1
φ1.5
+0.1
0
Symbol
Size
1005
A
0.65
±0.1
B
1.15
±0.1
∗The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specification.


Similar Part No. - MCH15

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MCH152A103C ROHM-MCH152A103C Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MCH152A103D ROHM-MCH152A103D Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MCH152A103J ROHM-MCH152A103J Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MCH152A103K ROHM-MCH152A103K Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
More results

Similar Description - MCH15

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com