Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE440A Datasheet(PDF) 4 Page - General Semiconductor

Part # P6KE440A
Description  TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

P6KE440A Datasheet(HTML) 4 Page - General Semiconductor

  P6KE440A Datasheet HTML 1Page - General Semiconductor P6KE440A Datasheet HTML 2Page - General Semiconductor P6KE440A Datasheet HTML 3Page - General Semiconductor P6KE440A Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
1.0
2.0
3.0
4.0
0
100
150
50
0.1µs
1.0µs
10µs
100µs
1.0ms
10ms
0.1
1.0
10
100
0
50
100
150
200
0
25
50
75
100
25
75
125
175
1
10
100
200
10
100
1,000
6,000
1
10
100
10
50
100
200
0
25
50
75
100
125
150
175
200
0
1.25
2.5
3.75
5.0
0
100
200
300
400
500
0.001
0.01
0.1
1
10
100
1,000
440
RATINGS AND CHARACTERISTIC CURVES P6KE6.8 THRU P6KE440CA
FIG. 1 - PEAK PULSE POWER RATING CURVE
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE, °C
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
FIG. 3 - PULSE WAVEFORM
t, TIME, ms
V(BR), BREAKDOWN VOLTAGE, VOLTS
TL, LEAD TEMPERATURE,°C
V(BR), BREAKDOWN VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60 HZ
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3 TA=25°C
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
tr=10
µsec.
TJ=25°C
f=1 MHz
Vsig=50mVp-p
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE VWM
TA=25°C
MEASURED at
DEVICES
STAND-OFF
VOLTAGE, VWM
1.6 x 1.6 x 0.040”
(40 x 40 x 1mm.)
COPPER HEAT SINKS
60 HZ
RESISTIVE OR
INDUCTIVE LOAD
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
td
PEAK VALUE
IPPM
HALF VALUE - IPP
2
10/1000
µsec. WAVEFORM
as DEFINED by R.E.A.
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNI-DIRECTIONAL
FIG. 5 - STEADY STATE POWER DERATING CURVE
FIG. 2 - PULSE DERATING CURVE
FIG. 7- TYPICAL REVERSE LEAKAGE CHARACTERISTICS
= 0.375” (9.5mm.)
LEAD LENGTHS
L


Similar Part No. - P6KE440A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE440A PANJIT-P6KE440A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE440A SOCAY-P6KE440A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shanghai Shunye Electro...
P6KE440A SY-P6KE440A Datasheet
722Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
P6KE440A SECOS-P6KE440A Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Fairchild Semiconductor
P6KE440A FAIRCHILD-P6KE440A Datasheet
50Kb / 3P
   Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
More results

Similar Description - P6KE440A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
BZW04P-5V8 GE-BZW04P-5V8 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE6.5A NJSEMI-LCE6.5A Datasheet
222Kb / 2P
   LOW CAPACITANCE TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com