Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

102202070001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 102202070001
Description  Federkontakte 2,54 SRC-A BA1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

102202070001 Datasheet(HTML) 1 Page - ERNI Electronics

  102202070001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abs
pulr
ichtu
ng
2,5
2
10000
AWG 20-22
137
1
630
Leiterquerschnitt
wire cross section
Menge
Spulen-
durchmesser
Anforder-
ungsstufe
Bemerkung
SRCBUT
Spring contact 2,54 SRC-A
10.04.2013
contact one of the ERNI companies
A3
Index
Federkontakte 2,54 SRC-A BA1
102202070001
2:1
Information:
Class
f
K
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
AWG 20 für Isolationsdurchmesser < 1,5mm
1
Federkontakt vereinzelt
M 10:1
Schnitt B-B
Isolationscrimp
M 10:1
Schnitt A-A
Drahtcrimp
0,4 -0,07
+0,03
B
B
A
A
Federkontakte am Band
7,62


Similar Part No. - 102202070001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
102202000001 ERNI-102202000001 Datasheet
69Kb / 1P
   Federkontakte 2,54 SRC-A BA 2
More results

Similar Description - 102202070001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101303210146 ERNI-101303210146 Datasheet
67Kb / 1P
   Federkontakte 2,54 SRC-A BA1
101203210146 ERNI-101203210146 Datasheet
67Kb / 1P
   Federkontakte 2,54 SRC-A BA1
100302420001 ERNI-100302420001 Datasheet
66Kb / 1P
   Federkontakte 2,54 SRC-A BA1
100201830001 ERNI-100201830001 Datasheet
67Kb / 1P
   Federkontakte 2,54 SRC-A BA1
102402070001 ERNI-102402070001 Datasheet
71Kb / 1P
   Federkontakte 2,54 SRC-A BA1
100700280001 ERNI-100700280001 Datasheet
66Kb / 1P
   Federkontakte 2,54 SRC-A BA1
100801130001 ERNI-100801130001 Datasheet
67Kb / 1P
   Federkontakte 2,54 SRC-A BA1
100201960001 ERNI-100201960001 Datasheet
67Kb / 1P
   Federkontakte 2,54 SRC-A BA1
100200380001 ERNI-100200380001 Datasheet
66Kb / 1P
   Federkontakte 2,54 SRC-A BA1
100600280001 ERNI-100600280001 Datasheet
66Kb / 1P
   Federkontakte 2,54 SRC-A BA1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com