Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34792-9043 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34792-9043
Description  Mini50 Unsealed, Single Row, Vertical Header, 4 Circuit, Polarization Option D, Green, Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34792-9043 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34792-9043 Datasheet HTML 1Page - Molex Electronics Ltd. 34792-9043 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34792-9043
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Unsealed, Single Row, Vertical Header, 4 Circuit, Polarization Option D,
Green, Tube
Documents:
3D Model
Application Specification AS-34791-020 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
34792
Application
Power, Signal, Wire-to-Board
Overview
Mini50™ Connection Systems
Product Name
Mini50™
UPC
887191058382
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Green
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
Polyester Alloy
Net Weight
1.057/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
2.90mm
PCB Locator
Yes
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
500V
Material Info
Reference - Drawing Numbers
Application Specification
AS-34791-020
Sales Drawing
SD-34792-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34792Series
Mates With
34791 Mini50™ Unsealed Single Row
Receptacle
Use With
560023 CTX50 Receptacle Terminal
Unsealed
This document was generated on 07/08/2014


Similar Part No. - 34792-9043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34792-9040 MOLEX11-34792-9040 Datasheet
58Kb / 2P
   Mini50 Unsealed, Single Row, Vertical Header, 4 Circuit, Polarization Option A, Black, Tube
34792-9041 MOLEX11-34792-9041 Datasheet
58Kb / 2P
   Mini50 Unsealed, Single Row, Vertical Header, 4 Circuit, Polarization Option B, Gray, Tube
34792-9042 MOLEX11-34792-9042 Datasheet
58Kb / 2P
   Mini50 Unsealed, Single Row, Vertical Header, 4 Circuit, Polarization Option C, Dark tube
More results

Similar Description - 34792-9043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0347929043 MOLEX1-0347929043 Datasheet
48Kb / 2P
   Mini50 Unsealed Vertical Header, Single Row, 4 Circuit, Polarization Option D, Green, Tube
34792-9042 MOLEX11-34792-9042 Datasheet
58Kb / 2P
   Mini50 Unsealed, Single Row, Vertical Header, 4 Circuit, Polarization Option C, Dark tube
0347929041 MOLEX1-0347929041 Datasheet
48Kb / 2P
   Mini50 Unsealed Vertical Header, Single Row, 4 Circuit, Polarization Option B, Gray, Tube
34792-9040 MOLEX11-34792-9040 Datasheet
58Kb / 2P
   Mini50 Unsealed, Single Row, Vertical Header, 4 Circuit, Polarization Option A, Black, Tube
34792-9041 MOLEX11-34792-9041 Datasheet
58Kb / 2P
   Mini50 Unsealed, Single Row, Vertical Header, 4 Circuit, Polarization Option B, Gray, Tube
0347920043 MOLEX1-0347920043 Datasheet
48Kb / 2P
   Mini50 Unsealed Vertical Header, Single Row, 4 Circuit, Polarization Option D, Green, Tray
0347929040 MOLEX1-0347929040 Datasheet
48Kb / 2P
   Mini50 Unsealed Vertical Header, Single Row, 4 Circuit, Polarization Option A, Black, Tube
0349129043 MOLEX1-0349129043 Datasheet
45Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 4 Circuit, Polarization Option D,Green, Tube
0347939043 MOLEX1-0347939043 Datasheet
49Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 4 Circuit, Polarization Option D, Green, Tube
0349128043 MOLEX1-0349128043 Datasheet
45Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 4 Circuit, Polarization Option D, Green, Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com