Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISE40-T1-22 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ISE40-T1-22
Description  High Precision, Digital Pressure Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISE40-T1-22 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ISE40-T1-22 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 12Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 13Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Dimensions
Caution
1. Immediately after supplying power, there is drift of about ±0.5% F.S. When used
with very low pressure, allow the unit to warm up for about 20 to 30 minutes.
2. Do not use in locations where there is splashing or spraying of oils and solvents.
3. When using a commercially available switching regulator, be sure to ground the
FG terminal.
4. In locations where the switch is exposed to water and dust, etc., these may
enter the switch from the atmospheric release port. Insert ø4 tubing (inside
diameter ø2.5) into the atmospheric release port, and extend the other end to a
safe area where water, etc., is not splashed or sprayed. Be sure that tubing is
not bent and holes are not blocked, etc., or it will become impossible to make
correct pressure measurements.
Air tube
Recommended tubing (SMC)
TU0425 (Polyurethane)
Atmospheric release port
For–M5
ZSE40(F)/ISE40–
C4
C6
M5
Precautions
SET
OUT1
OUT2
MPa
32.3
20
30
2-4.5
Atmospheric
release port
12.8
8
ø3.5
One-touch fitting ø4, ø6
12
7.8
2.6
M5 x 0.8 thread depth 5
MPa
OUT2
OUT1
SET
∗ For splash proof use (IP65), insert an air tube into the atmospheric release port.
(Refer to “Precautions” for details.)
16-2-24
Series
ZSE40/ISE40


Similar Part No. - ISE40-T1-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISE40-01-62L ETC2-ISE40-01-62L Datasheet
231Kb / 3P
   ZSE40F (Compound pressure)
More results

Similar Description - ISE40-T1-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZS-27-C ETC1-ZS-27-C Datasheet
1Mb / 21P
   High Precision, 2-color Display Digital Pressure Switch
ISE30-T1-25 ETC2-ISE30-T1-25 Datasheet
1Mb / 21P
   High Precision,2-color Display Digital Pressure Switch
logo
Panasonic Semiconductor
DP-M2 PANASONIC-DP-M2 Datasheet
333Kb / 6P
   Micro-differential Pressure High-precision Digital Pressure Sensor
logo
Copal Electronics
PA-204 COPAL-PA-204 Datasheet
708Kb / 2P
   HIGH PRECISION PRESSURE TRANSDUCER
logo
Sensortechnics GmbH
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
logo
Festo Corporation.
538031 FESTO-538031 Datasheet
92Kb / 1P
   Precision pressure regulator
3/18/22
538037 FESTO-538037 Datasheet
92Kb / 1P
   Precision pressure regulator
3/18/22
538042 FESTO-538042 Datasheet
93Kb / 1P
   Precision pressure regulator
3/18/22
538043 FESTO-538043 Datasheet
92Kb / 1P
   Precision pressure regulator
3/18/22
538050 FESTO-538050 Datasheet
93Kb / 1P
   Precision pressure regulator
3/18/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com