Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC280SS-UV Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTC280SS-UV
Description  Ultraviolet LED Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTC280SS-UV Datasheet(HTML) 1 Page - Marktech Corporate

  MTC280SS-UV Datasheet HTML 1Page - Marktech Corporate MTC280SS-UV Datasheet HTML 2Page - Marktech Corporate MTC280SS-UV Datasheet HTML 3Page - Marktech Corporate MTC280SS-UV Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current
IF
40
mA
Reverse Voltage
VR
5
V
Storage Temperature
Tstg
-40 ~ +100
ºC
Soldering Temperature*1
Tsol
300
ºC
Ultraviolet LED Chip
Product No:
MTC280SS-UV
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)*1
ITEMS
SYMBOL
CONDITIONS
MIN.
TYP
MAX.
UNIT
Peak Wavelength
λp
IF=20mA
270
280
290
nm
Power Output
PO
IF=20mA
1.0
2.0
--
mW
Spectral Line Half Width
λ
IF=20mA
--
10
--
nm
Forward Voltage
VF
IF=20mA
--
7
8
V
Viewing Angle
1/2
IF=20mA
--
144
--
deg
Reverse Current
IR
VR=5V
--
--
100
µA
2014-01-31
Peak Emission Wavelength: 280nm
FEATURES
> High-Power UV LED Chip
> High Reliability
APPLICATIONS
> Analytical Instruments for Bio Chemical, Medical
and Scientific Analysis
> Photo Catalyst / UV Curing
> Medical Phototherapy
*1: All measurements were made using a Au-plated TO5 header without an encapsulant.
*1: Within 5 seconds.
Operating Temperature
Topr
-30 ~ +80
ºC
The MTC280SS-UV UV chip on low profile silicon submount is specifically designed for applications requiring
high radiant power output and
custom packaging solutions.
> Chip Size:
870um x 770um


Similar Part No. - MTC280SS-UV

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTC280SS-UV MARKTECH-MTC280SS-UV_15 Datasheet
1Mb / 4P
   Ultraviolet LED Chip
More results

Similar Description - MTC280SS-UV

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTC265LS-UV MARKTECH-MTC265LS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC310SS-UV MARKTECH-MTC310SS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC310-UV MARKTECH-MTC310-UV Datasheet
2Mb / 4P
   Ultraviolet LED Chip
MTC325SS-UV MARKTECH-MTC325SS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC325LS-UV MARKTECH-MTC325LS-UV Datasheet
2Mb / 4P
   Ultraviolet LED Chip
MTC340LS-UV MARKTECH-MTC340LS-UV_15 Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC265LS-UV MARKTECH-MTC265LS-UV_15 Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC265SS-UV MARKTECH-MTC265SS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC280LS-UV MARKTECH-MTC280LS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
MTC280-UV MARKTECH-MTC280-UV Datasheet
980Kb / 4P
   Ultraviolet LED Chip
MTC340SS-UV MARKTECH-MTC340SS-UV Datasheet
1Mb / 4P
   Ultraviolet LED Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com