Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO100HSTL23A Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO100HSTL23A
Description  High Frequency Noise Canncellation Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO100HSTL23A Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO100HSTL23A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO100HSTL23A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO100HSTL23A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO100HSTL23A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO100HSTL23A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation PO100HSTL23A_14 Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Maximum Ratings
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -12mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.3
0.5
V
VIH
Input High voltage
Guaranteed Logic HIGH Level (Input Pin)
2
-
Vcc
V
VIL
Input Low voltage
Guaranteed Logic LOW Level (Input Pin)
-0.5
-
0.8
V
IIH
Input High current
Vcc = 3.6V and Vin = Vcc
-
-
1
uA
IIL
Input Low current
Vcc = 3.6V and Vin = 0V
-
-
-1
uA
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-40 to 85
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to Vcc
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
Pin Characteristics
l
o
b
m
y
S
r
e
t
e
m
a
r
a
s
P
n
o
it
i
d
n
o
C
t
s
e
m
T
u
m
i
n
i
M
la
ci
p
y
T
m
u
m
ix
a
M
s
ti
n
U
C
N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
F
4
p
R
P
U
L
L
U
P
r
o
ts
is
e
R
p
ul
lu
P
t
u
p
n
I
88
88
K
K
R
N
W
O
D
L
L
U
P
r
o
ts
is
e
R
n
w
o
dl
lu
P
t
u
p
n
I
2
01/01/10
Potato Semiconductor Corporation
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
High Frequency Noise Canncellation Translator
PO100HSTL23A
www.potatosemi.com


Similar Part No. - PO100HSTL23A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL23ASR POTATO-PO100HSTL23ASR Datasheet
523Kb / 6P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL23ASU POTATO-PO100HSTL23ASU Datasheet
523Kb / 6P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL23ATR POTATO-PO100HSTL23ATR Datasheet
523Kb / 6P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL23ATU POTATO-PO100HSTL23ATU Datasheet
523Kb / 6P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
More results

Similar Description - PO100HSTL23A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A_14 Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
PO100HSTL179A POTATO-PO100HSTL179A_14 Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
PO100HSTL32A POTATO-PO100HSTL32A_14 Datasheet
1Mb / 5P
   High Frequency Noise Canncellation Translator
PO100HSTL50A POTATO-PO100HSTL50A_14 Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com