Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74HSTL85353A Datasheet(PDF) 7 Page - Potato Semiconductor Corporation

Part # PO74HSTL85353A
Description  300MHz HSTL Potato Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74HSTL85353A Datasheet(HTML) 7 Page - Potato Semiconductor Corporation

  PO74HSTL85353A Datasheet HTML 1Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 2Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 3Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 4Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 5Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 6Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LVCMOS and XTAL Input to HSTLOutput 1:4 Fanout Buffer
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
SEATING PLANE
Packaging Mechanical Drawing: 20 pin TSSOP
.252
.260
.047
1.20
.002
.006
.0256
BSC
1
20
.169
.177
0.05
0.15
4.3
4.5
6.4
6.6
0.65
0.19
0.30
.007
.012
Max
.018
.030
.004
.008
.238
.269
6.1
6.7
0.45
0.75
0.09
0.20
IC Ordering Information
Top-Marking
Ordering Code
Package
Pb-free & Green
PO74HSTL85353ASU for Tube
PO74HSTL85353ASR for Tape & Reel
PO74HSTL85353AS
-40°C to 85°C
-40°C to 85°C
TA
Pb-free & Green
20pin 173mil TSSOP
IC Package Information
PACKAGE
T
16
8
Top Left Corner
39 (12”)
3000
64 (20”)
74
20pin 173mil TSSOP
CODE
PACKAGE
TYPE
TAPE
WIDTH
TAPE TRAILER
TUBE
TAPE & REEL
LENGTH
TAPE
PITCH
QTY
LENGTH
TAPE LEADER
PER TAPE
QTY
PER
PIN 1 LOCATION
(mm)
(mm)
7
01/01/10
Potato Semiconductor Corporation
PO74HSTL85353A
www.potatosemi.com
300MHz HSTL Potato Chip
PO74HSTL85353AS
20pin 173mil TSSOP


Similar Part No. - PO74HSTL85353A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85353A POTATO-PO74HSTL85353A Datasheet
1Mb / 7P
   The PO74HSTL85353A is a low-skew, 1-to-4 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications.
PO74HSTL85353ASR POTATO-PO74HSTL85353ASR Datasheet
1Mb / 7P
   The PO74HSTL85353A is a low-skew, 1-to-4 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications.
PO74HSTL85353ASU POTATO-PO74HSTL85353ASU Datasheet
1Mb / 7P
   The PO74HSTL85353A is a low-skew, 1-to-4 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications.
More results

Similar Description - PO74HSTL85353A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
PO3VT3305A POTATO-PO3VT3305A_14 Datasheet
1Mb / 5P
   High Bandwidth Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
PO49FCT32803G POMONA-PO49FCT32803G_14 Datasheet
1Mb / 6P
   500MHz TTL/CMOS Potato Chip
PO49FCT32805G POMONA-PO49FCT32805G_14 Datasheet
1Mb / 6P
   600MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A_14 Datasheet
1Mb / 5P
   High Bandwidth Potato Chip
logo
Pomona Electronics
PO49FCT3805B POMONA-PO49FCT3805B_14 Datasheet
1Mb / 6P
   800MHz TTL/CMOS Potato Chip
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
PO49FCT3804A POMONA-PO49FCT3804A_14 Datasheet
1Mb / 5P
   800MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com