Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT6224-AHRG-A Datasheet(PDF) 3 Page - Marktech Corporate

Part # MT6224-AHRG-A
Description  ROUND BI-COLOR LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT6224-AHRG-A Datasheet(HTML) 3 Page - Marktech Corporate

  MT6224-AHRG-A Datasheet HTML 1Page - Marktech Corporate MT6224-AHRG-A Datasheet HTML 2Page - Marktech Corporate MT6224-AHRG-A Datasheet HTML 3Page - Marktech Corporate MT6224-AHRG-A Datasheet HTML 4Page - Marktech Corporate MT6224-AHRG-A Datasheet HTML 5Page - Marktech Corporate MT6224-AHRG-A Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
REV.: 01 D ate: 2005/10/15 P age: 2/5
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
78
mW
Reverse Voltage
VR
5
V
D.C. Forward Current
If
30
mA
Reverse (Leakage) Current
Ir
100
μ
A
Peak Current(1/10Duty Cycle,0.1ms Pulse Width.)
If(Peak)
100
mA
Operating Temperature Range
Topr.
-25 to +85
Storage Temperature Range
Tstg.
-40 to +100
Lead Soldering Temp.(1.6mm from body) for 5 seconds
260
Electrical and Optical Characteristics:
GREEN
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Luminous Intensity
IV
If=10mA
30.0
50.0
mcd
Forward Voltage
Vf
If=10mA
2.1
2.6
V
Peak Wavelength
λP
If=10mA
568
nm
Dominant Wavelength
λD
If=10mA
570
nm
Reverse (Leakage) Current
Ir
Vr=5V
100
µA
Viewing Angle
2θ1/2
If=10mA
70
deg
Spectrum Line Halfwidth
λ
If=10mA
30
nm
NOTE: THE DATAS TESTED BY IS TESTER
MT6224-AHRG-A
5.0mm ROUND BI-
COLOR LAMP(3LEADS)


Similar Part No. - MT6224-AHRG-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT6224-AHRG-A MARKTECH-MT6224-AHRG-A Datasheet
190Kb / 3P
   Standard LEDs
MT6224-AHRG-A MARKTECH-MT6224-AHRG-A_15 Datasheet
288Kb / 6P
   ROUND BI-COLOR LAMP
More results

Similar Description - MT6224-AHRG-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT6224-AHRG-A MARKTECH-MT6224-AHRG-A_15 Datasheet
288Kb / 6P
   ROUND BI-COLOR LAMP
logo
BetLux Electronics
BL-L107EGW BETLUX-BL-L107EGW Datasheet
156Kb / 3P
   Round Type, Bi-color LED lamp
BL-L517EGW BETLUX-BL-L517EGW Datasheet
66Kb / 3P
   Round Type, Bi-color LED lamp
BL-L817EGW BETLUX-BL-L817EGW Datasheet
245Kb / 3P
   Round Type, Bi-color LED lamp
BL-L315EGW BETLUX-BL-L315EGW Datasheet
74Kb / 3P
   Round Type, BI-COLOR LED lamp
BL-L519EGW BETLUX-BL-L519EGW Datasheet
68Kb / 3P
   Round Type, Bi-color LED lamp
BL-L109EGW BETLUX-BL-L109EGW Datasheet
281Kb / 3P
   Round Type, Bi-color LED lamp
BL-L317EGW BETLUX-BL-L317EGW Datasheet
75Kb / 3P
   Round Type, BI-COLOR LED lamp
BL-L819EGW BETLUX-BL-L819EGW Datasheet
225Kb / 3P
   Round Type, Bi-color LED lamp
logo
Kingbright Corporation
WP937EGW KINGBRIGHT-WP937EGW Datasheet
458Kb / 7P
   T-1(3mm) ROUND BI-COLOR LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com