Electronic Components Datasheet Search |
|
34708-7004 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
34708-7004 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 09/16/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 34708-7004 Status: Active Overview: Stac64™ Single, Multi-Pocket and Hybrid Header System Description: Stac64™ 2 Bay Right Angle Headers, 32 Circuits, Bay A 20 Circuit Signal Header, Polarization C, Brown; Bay B 12 Circuit Signal Header, Polarization A, Tube Documents: Drawing (PDF) Application Specification AS-34729-020 (PDF) Product Specification PS-31372-100 (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-34729-020 (PDF) Product Literature (PDF) General Product Family PCB Headers Series 34708 Application Power, Wire-to-Board Comments Bay A 20 Circuits Stac64™ Right Angle Signal Header, Polarization C. Bay B 12 Circuits Stac64™ Right Angle Signal Header, Polarization A Overview Stac64™ Single, Multi-Pocket and Hybrid Header System Product Literature Order No 987650-4561 Product Name Stac64™ UPC 887191329673 Physical Breakaway No Circuits (Loaded) 32 Circuits (maximum) 32 Color - Resin Black, Brown Durability (mating cycles max) 10 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Copper Alloy Material - Plating Mating Nickel Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Net Weight 14.839/g Number of Rows 2 Orientation Right Angle PC Tail Length 3.36mm PCB Locator Yes PCB Retention None PCB Thickness - Recommended 1.57mm Packaging Type Tube Pitch - Mating Interface 2.54mm Pitch - Termination Interface 2.54mm Polarized to Mating Part Yes Polarized to PCB Yes Shrouded Yes Stackable No Surface Mount Compatible (SMC) N/A Temperature Range - Operating -40°C to +100°C Termination Interface: Style Through Hole EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 34708Series Mates With 31408 USCAR 2.54mm (.100”) Pitch Receptacle, 31372 5.25mm (.206") Pitch Hybrid Receptacle Assembly, 34729 2.54mm (.100") Pitch Stac64™ Right Angle Receptacle |
Similar Part No. - 34708-7004 |
|
Similar Description - 34708-7004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |