Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR91X-SKKEI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STR91X-SKKEI
Description  Keil starter kits for ST ARM core-based microcontrollers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91X-SKKEI Datasheet(HTML) 2 Page - STMicroelectronics

  STR91X-SKKEI Datasheet HTML 1Page - STMicroelectronics STR91X-SKKEI Datasheet HTML 2Page - STMicroelectronics STR91X-SKKEI Datasheet HTML 3Page - STMicroelectronics STR91X-SKKEI Datasheet HTML 4Page - STMicroelectronics STR91X-SKKEI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Starter kit architecture
STM3210B-SK/KEIL, STR91X-SK/KEI, STR7-SK/KEIL
2/5
Doc ID 012425 Rev 6
Starter kit architecture
Keil development software is a suite of software development tools for creating and
debugging microcontroller applications that includes:
µVision3® integrated development environment, which integrates the ARM RealView
Compilation Tools and Keil’s debugging software so that users can quickly and easily
develop and debug their applications while they run on a target microcontroller.
ARM RealView Compilation Tools (RVCT) 16K code-size limited version of the
optimizing C/C++ compiler for ARM™ core-based microcontrollers.
ULINK™ USB/JTAG in-circuit debugger/programmer, which integrates fully with
µVision3, allowing users to download the application to the target and debug it while it
runs on the ST ARM core-based microcontroller on the evaluation board.
Keil evaluation board, an application board that provides a full range of features to
help users evaluate and start developing applications for the included microcontroller.
Table 1.
Evaluation board key features
Feature
Starter kit
STM3210B
-SK/KEIL
STR91X
-SK/KEI
STR750
-SK/KEIL
STR73xF(1)
STR71xF(1)
Included microcontroller
20-pin JTAG connector
Yes
Yes
Yes
Yes
Yes
10-pin ARM Cortex-
debug connector
No
No
No
No
No
Trace tool connector
N/A
38-pin
(footprint)
N/A
N/A
N/A
External power supply
included
No
No
No
No
(7-12V DC)
No
(7-9V DC)
Power supply from USB
Yes
Yes
Yes
No
No
USART connector(s)
1
2
2
4
2
SPI
Yes
Yes
Yes
Yes
Yes
I2C
Yes
Yes
Yes
Yes
No
CAN connector
Yes
Yes
Yes
Yes
Yes
USB connector
Yes
Yes
Yes
No
Yes
Ethernet connector
N/A
Yes
N/A
N/A
N/A
User LEDs
8
8
8
16
8
LCD display
Yes (2x16)
Yes (2x16)
Yes (2x16)
No
No
SD/MMC card connector
Yes
Yes
Yes
No
No


Similar Part No. - STR91X-SKKEI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
187Kb / 4P
   IAR?셲 complete, low cost starter kits for STR7 and STR9
STR91X-SK/IAR STMICROELECTRONICS-STR91X-SK/IAR Datasheet
86Kb / 5P
   IAR??starter kits for ST ARM core-based microcontrollers
STR91X-SKIAR STMICROELECTRONICS-STR91X-SKIAR Datasheet
187Kb / 4P
   IAR?셲 complete, low cost starter kits for STR7 and STR9
STR91X-SKIAR STMICROELECTRONICS-STR91X-SKIAR Datasheet
69Kb / 5P
   IAR starter kits for ST ARM core-based microcontrollers
More results

Similar Description - STR91X-SKKEI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3210B-SK STMICROELECTRONICS-STM3210B-SK Datasheet
69Kb / 5P
   IAR starter kits for ST ARM core-based microcontrollers
STM32-SK-IAR STMICROELECTRONICS-STM32-SK-IAR Datasheet
86Kb / 5P
   IAR??starter kits for ST ARM core-based microcontrollers
STM32-SK STMICROELECTRONICS-STM32-SK Datasheet
88Kb / 5P
   Hitex starter kits for ST ARM core-based microcontrollers
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STM3220G-SK STMICROELECTRONICS-STM3220G-SK Datasheet
602Kb / 4P
   Keil??starter kit for STM32F2 series microcontrollers (STM32F207IG MCU)
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
   Starter and extension kits for STM32W108xx microcontrollers
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
   ARM Thumb-based Microcontrollers
AT91SAM7A2 ATMEL-AT91SAM7A2 Datasheet
141Kb / 15P
   ARM Thumb - based Microcontrollers
SAMC21E ATMEL-SAMC21E Datasheet
8Mb / 1201P
   SMART ARM-Based Microcontrollers
SAMR21 ATMEL-SAMR21 Datasheet
4Mb / 31P
   SMART ARM-based Microcontrollers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com