Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45HRN-2317 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 45HRN-2317
Description  PRESSFIT NEON, LED INCANDESCENT INDICATOR LIGHTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

45HRN-2317 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  45HRN-2317 Datasheet HTML 1Page - List of Unclassifed Manufacturers 45HRN-2317 Datasheet HTML 2Page - List of Unclassifed Manufacturers 45HRN-2317 Datasheet HTML 3Page - List of Unclassifed Manufacturers 45HRN-2317 Datasheet HTML 4Page - List of Unclassifed Manufacturers 45HRN-2317 Datasheet HTML 5Page - List of Unclassifed Manufacturers 45HRN-2317 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRESSFIT INDICATOR LIGHTS
FOR 5/16" DIA. MOUNTING HOLE
Indicator Lights
I-29
Lighting Components & Design, Inc.®
· 692 S. Military Trail, Deerfield Bch., FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110
Revised July, 1997
Flush Lens
Variety of
Lens Colors
1/8" Tab Terminals
3/16" Tab Terminals
PressFit Mounting
45 Series
Zinc Plated Bezel
White Housing
6 to 250 Design Volts
Neon or
Incandescent
Flush Lens Style
With bezel.
Part Number
1/8" Tab Terminals
Part Number
3/16" Tab Terminals
Lens Color
Lamp Type
Design Volts
Design Watts
or Amps
Life (hrs)
45RN-2311
45RN-2311T3
Red
Neon
125
1/3W
25,000
45HRN-2311
45HRN-2311T3
Red
Neon
250
1/3W
25,000
45RNG1-2311
45RNG1-2311T3
Red
Incandescent
6
.20A
5,000
45RNG3-2311
45RNG3-2311T3
Red
Incandescent
14
.10A
10,000
45RNG18-2311
45RNG18-2311T3
Red
Incandescent
28
.04A
7,000
45RN-2312
45RN-2312T3
Green
Neon
125
1/3W
25,000
45HRN-2312
45HRN-2312T3
Green
Neon
250
1/3W
25,000
45RNG1-2312
45RNG1-2312T3
Green
Incandescent
6
.20A
5,000
45RNG3-2312
45RNG3-2312T3
Green
Incandescent
14
.10A
10,000
45RNG18-2312
45RNG18-2312T3
Green
Incandescent
28
.04A
7,000
45RN-2313
45RN-2313T3
Amber
Neon
125
1/3W
25,000
45HRN-2313
45HRN-2313T3
Amber
Neon
250
1/3W
25,000
45RNG1-2313
45RNG1-2313T3
Amber
Incandescent
6
.20A
5,000
45RNG3-2313
45RNG3-2313T3
Amber
Incandescent
14
.10A
10,000
45RNG18-2313
45RNG18-2313T3
Amber
Incandescent
28
.04A
7,000
45RN-2314
45RN-2314T3
Blue
Neon
125
1/3W
25,000
45HRN-2314
45HRN-2314T3
Blue
Neon
250
1/3W
25,000
45RNG1-2314
45RNG1-2314T3
Blue
Incandescent
6
.20A
5,000
45RNG3-2314
45RNG3-2314T3
Blue
Incandescent
14
.10A
10,000
45RNG18-2314
45RNG18-2314T3
Blue
Incandescent
28
.04A
7,000
45RN-2315
45RN-2315T3
White
Neon
125
1/3W
25,000
45HRN-2315
45HRN-2315T3
White
Neon
250
1/3W
25,000
45RNG1-2315
45RNG1-2315T3
White
Incandescent
6
.20A
5,000
45RNG3-2315
45RNG3-2315T3
White
Incandescent
14
.10A
10,000
45RNG18-2315
45RNG18-2315T3
White
Incandescent
28
.04A
7,000
45RN-2317
45RN-2317T3
Clear
Neon
125
1/3W
25,000
45HRN-2317
45HRN-2317T3
Clear
Neon
250
1/3W
25,000
45RNG1-2317
45RNG1-2317T3
Clear
Incandescent
6
.20A
5,000
45RNG3-2317
45RNG3-2317T3
Clear
Incandescent
14
.10A
10,000
45RNG18-2317
45RNG18-2317T3
Clear
Incandescent
28
.04A
7,000
1/64"
19/64"


Similar Part No. - 45HRN-2317

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
45H11 ONSEMI-45H11 Datasheet
97Kb / 9P
   Complementary Power Transistors
September, 2016 ??Rev. 20
logo
Wolfgang Knap
45H15A WK-45H15A Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
45H15B WK-45H15B Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
45H20A WK-45H20A Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
45H20B WK-45H20B Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
More results

Similar Description - 45HRN-2317

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2150A CML-2150A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
1030D CML-1030D Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
2110A CML-2110A Datasheet
228Kb / 1P
   Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1050QC VCC-1050QC Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com