Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE110A Datasheet(PDF) 3 Page - General Semiconductor

Part # P6KE110A
Description  TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

P6KE110A Datasheet(HTML) 3 Page - General Semiconductor

  P6KE110A Datasheet HTML 1Page - General Semiconductor P6KE110A Datasheet HTML 2Page - General Semiconductor P6KE110A Datasheet HTML 3Page - General Semiconductor P6KE110A Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS at (TA=25°C unless otherwise noted) TABLE (Cont’d)
Maximum
Breakdown Voltage
Maximum
Peak Pulse
Maximum
Maximum
V(BR)
Reverse
Current
Clamping
Temperature
Volts (NOTE 1)
Test
Stand-off
Leakage
IPPM
Voltage at
Coefficient
Current
Voltage
at VWM
IPPM
of V(BR)
Device Type
MIN
MAX
at IT
VWM
ID (
µA)
(Amps)
VC (Volts)
(% / C)
(mA)
(Volts)
(NOTE3)
(NOTE 2)
P6KE91A
86.5
95.5
1.0
77.8
5.0
4.8
125
0.106
P6KE100
90.0
110
1.0
81.0
5.0
4.2
144
0.106
P6KE100A
95.0
105
1.0
85.5
5.0
4.4
137
0.106
P6KE110
99.0
121
1.0
89.2
5.0
3.8
158
0.107
P6KE110A
105
116
1.0
94.0
5.0
3.9
152
0.107
P6KE120
108
132
1.0
97.2
5.0
3.5
173
0.107
P6KE120A
114
126
1.0
102
5.0
3.6
165
0.107
P6KE130
117
143
1.0
105
5.0
3.2
187
0.107
P6KE130A
124
137
1.0
111
5.0
3.4
179
0.107
P6KE150
135
165
1.0
121
5.0
2.8
215
0.108
P6KE150A
143
158
1.0
128
5.0
2.9
207
0.108
P6KE160
144
176
1.0
130
5.0
2.6
230
0.108
P6KE160A
152
168
1.0
136
5.0
2.7
219
0.108
P6KE170
153
187
1.0
138
5.0
2.5
244
0.108
P6KE170A
162
179
1.0
145
5.0
2.6
234
0.108
P6KE180
162
198
1.0
146
5.0
2.3
258
0.108
P6KE180A
171
189
1.0
154
5.0
2.4
246
0.108
P6KE200
180
220
1.0
162
5.0
2.1
287
0.108
P6KE200A
190
210
1.0
171
5.0
2.2
274
0.108
P6KE220
198
242
1.0
175
5.0
1.7
344
0.108
P6KE220A
209
231
1.0
185
5.0
1.8
328
0.108
P6KE250
225
275
1.0
202
5.0
1.7
360
0.110
P6KE250A
237
263
1.0
214
5.0
1.7
344
0.110
P6KE300
270
330
1.0
243
5.0
1.4
430
0.110
P6KE300A
285
315
1.0
256
5.0
1.4
414
0.110
P6KE350
315
385
1.0
284
5.0
1.2
504
0.110
P6KE350A
333
368
1.0
300
5.0
1.2
482
0.110
P6KE400
360
440
1.0
324
5.0
1.0
574
0.110
P6KE400A
380
420
1.0
342
5.0
1.1
548
0.110
P6KE440
396
484
1.0
356
5.0
0.95
631
0.110
P6KE440A
418
462
1.0
376
5.0
1.0
602
0.110
NOTES:
(1) V(BR) measured after IT applied for 300
µs, IT=square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bidirectional types with VWM of 10 volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
+UL listed for Telecom application protection 497B, file number E136766 for both uni-directional and bi-directional devices
DESCRIPTION
This P6KE TVS series is a low cost commercial product for use in applications where large voltage transients can permanently
damage voltage-sensitive components.
The P6KE series device types are designed in a small package size where power and space is a consideration. They are character-
ized by their high surge capability, extremely fast response time, and low impedance, (Ron). Because of the unpredictable nature of
transients, and the variation of the impedance with respect to these transients, impedance, per se, is not specified as a parametric
value. However, a minimum voltage at low current conditions (BV) and a maximum clamping voltage (Vc) at a maximum peak pulse
current is specified.
In some instances, the thermal effect (see Vc Clamping Voltage) may be responsible for 50% to 70%. of the observed voltage differ-
ential when subjected to high current pulses for several duty cycles, thus making a maximum impedance specification insignificant.
In case of a severe current overload or abnormal transient beyond the maximum ratings, the Transient Voltage Suppressor will initially
fail 'short' thus tripping the system's circuit breaker or fuse while protecting the entire circuit. Curves depicting clamping voltage vs.
various current pulses are available from the factory. Extended power curves vs. pulse time are also available.


Similar Part No. - P6KE110A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P6KE110A MDE-P6KE110A Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
P6KE110A SPSEMI-P6KE110A Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
Motorola, Inc
P6KE110A MOTOROLA-P6KE110A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Shenzhen Luguang Electr...
P6KE110A LUGUANG-P6KE110A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P6KE110A PANJIT-P6KE110A Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
More results

Similar Description - P6KE110A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
BZW04P-5V8 GE-BZW04P-5V8 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE6.5A NJSEMI-LCE6.5A Datasheet
222Kb / 2P
   LOW CAPACITANCE TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com