Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM0805GC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM0805GC
Description  SURFACE MOUNT LED GREEN, 0805 PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM0805GC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM0805GC Datasheet HTML 1Page - List of Unclassifed Manufacturers SM0805GC Datasheet HTML 2Page - List of Unclassifed Manufacturers SM0805GC Datasheet HTML 3Page - List of Unclassifed Manufacturers SM0805GC Datasheet HTML 4Page - List of Unclassifed Manufacturers SM0805GC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision B 12/13
Page 2 of 5
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time without notice.
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Power Dissipation
78 mW
Forward Current ( DC )
30 mA
Peak Forward Current 1
100 mA
Reverse Voltage
5 V
Operating Temperature Range
-30 ~ +80°C
Storage Temperature Range
-40 ~ +85°C
Lead Soldering Temperature ( 3 mm from the base of the epoxy bulb ) 2
260°C
Notes: 1. 10% Duty Cycle, Pulse Width ≤ 0.1 msec.
2. Solder time less than 5 seconds at temperature extreme.
Electrical / Optical Characteristics
TA = 25°C & IF = 20 mA unless otherwise noted
Notes: 1. Tolerance of forward voltage : ±0.05V.
2. Tolerance of dominant wavelength : ±1.0nm.
Part Number
Forward
Voltage (V)1
Recommend
Forward
Current (mA)
Reverse
Current
(μA)
Dominant
Wavelength (nm)2
Luminous
Intensity Iv (mcd)
Viewing
Angle
2 Ө ½
(deg)
MIN TYP MAX MIN TYP MAX
MAX
MIN
TYP MAX
MIN
TYP MAX
TYP
SM0805GC
/
2.1
2.6
/
20
/
10
/
565
/
6
15
/
130
SURFACE MOUNT LED
GREEN, 0805 PACKAGE


Similar Part No. - SM0805GC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM0805GC BIVAR-SM0805GC Datasheet
1Mb / 5P
   SURFACE MOUNT LED GREEN, 0805 PACKAGE
Revision B 12/13
SM0805GCL BIVAR-SM0805GCL Datasheet
1Mb / 5P
   SURFACE MOUNT LED GREEN, 0805 PACKAGE, 2mA
Revision C 12/13
More results

Similar Description - SM0805GC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM0805UGC BIVAR-SM0805UGC Datasheet
1Mb / 5P
   SURFACE MOUNT LED GREEN, 0805 PACKAGE
Revision B 08/22
SM0805GC BIVAR-SM0805GC Datasheet
1Mb / 5P
   SURFACE MOUNT LED GREEN, 0805 PACKAGE
Revision B 12/13
SM0805GCL BIVAR-SM0805GCL Datasheet
1Mb / 5P
   SURFACE MOUNT LED GREEN, 0805 PACKAGE, 2mA
Revision C 12/13
SM0805PGC BIVAR-SM0805PGC Datasheet
634Kb / 5P
   SURFACE MOUNT LED PURE GREEN, 0805 PACKAGE
Revision A 03/09
SM0805RC BIVAR-SM0805RC Datasheet
641Kb / 5P
   SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805URC BIVAR-SM0805URC Datasheet
640Kb / 5P
   SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805UOC BIVAR-SM0805UOC Datasheet
635Kb / 5P
   SURFACE MOUNT LED ORANGE, 0805 PACKAGE
Revision A 03/09
SM0805YC BIVAR-SM0805YC Datasheet
1Mb / 5P
   SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision D 10/22
SM0805AC BIVAR-SM0805AC Datasheet
1Mb / 5P
   SURFACE MOUNT LED AMBER, 0805 PACKAGE
Revision D 10/22
SM0805BWC BIVAR-SM0805BWC Datasheet
639Kb / 5P
   SURFACE MOUNT LED BLUE, 0805 PACKAGE
Revision A 03/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com