Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4004DS2TP Datasheet(PDF) 7 Page - Littelfuse

Part # S4004DS2TP
Description  4 Amp Sensitive SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4004DS2TP Datasheet(HTML) 7 Page - Littelfuse

  S4004DS2TP Datasheet HTML 1Page - Littelfuse S4004DS2TP Datasheet HTML 2Page - Littelfuse S4004DS2TP Datasheet HTML 3Page - Littelfuse S4004DS2TP Datasheet HTML 4Page - Littelfuse S4004DS2TP Datasheet HTML 5Page - Littelfuse S4004DS2TP Datasheet HTML 6Page - Littelfuse S4004DS2TP Datasheet HTML 7Page - Littelfuse S4004DS2TP Datasheet HTML 8Page - Littelfuse S4004DS2TP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
215
©2010 Littelfuse, Inc
Revised: July 29, 2010 09:54 AM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx04xSx Series
4 Amp Sensitive SCRs
Dimensions — TO-251AA (V/I-Package) — V/I-PAK Through Hole
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.044
0.050
1.02
1.11
1.27
B
0.235
0.242
0.245
5.97
6.15
6.22
C
0.350
0.361
0.375
8.89
9.18
9.53
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.66
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
0.087
0.090
0.093
2.21
2.28
2.36
0.085
0.092
0.095
2.16
2.34
2.41
I
0.176
0.180
0.184
4.47
4.57
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
0.038
0.040
0.044
0.97
1.01
1.12
L
0.018
0.020
0.023
0.46
0.52
0.58
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
R
0.034
0.039
0.044
0.86
1.00
1.11
S
0.074
0.079
0.084
1.86
2.00
2.11
AREA: 0.040 IN2
T
C MEASURING POINT
GATE
G
I
E
D
A
B
C
F
J
H
K
L
5.28
.208
5.34
.210
Anode
Cathode
Anode
P
Q
R
S
Dimensions — TO-252AA (D-Package) — D-PAK Surface Mount
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.043
0.050
1.02
1.09
1.27
B
0.235
0.243
0.245
5.97
6.16
6.22
C
0.106
0.108
0.113
2.69
2.74
2.87
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.65
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
0.087
0.090
0.093
2.21
2.28
2.36
0.085
0.092
0.095
2.16
2.33
2.41
I
0.176
0.179
0.184
4.47
4.55
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
0.038
0.040
0.044
0.97
1.02
1.12
L
0.018
0.020
0.023
0.46
0.51
0.58
M
0.000
0.000
0.004
0.00
0.00
0.10
N
0.021
0.026
0.027
0.53
0.67
0.69
O
0°0°5°0°0°5°
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
M
O
N
H
J
L
K
.118
3
.063
1.60
.071
1.80
.264
6.71
.264
6.71
.181
4.60
GATE
Anode
Cathode
Anode
T
C MEASURING POINT
G
I
D
E
A
B
C
F
5.28
.208
5.34
.210
: 0.040 IN2
AREA
P
Q


Similar Part No. - S4004DS2TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4004DS2 LITTELFUSE-S4004DS2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S4004DS2 ETC2-S4004DS2 Datasheet
205Kb / 12P
   RoHS Compliant
S4004DS2 ETC2-S4004DS2 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - S4004DS2TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJ6004DS2 LITTELFUSE-SJ6004DS2 Datasheet
1Mb / 7P
   4 Amp High Temperature Sensitive SCRs
Revised: 08/02/17
SJ6004DS2TP LITTELFUSE-SJ6004DS2TP Datasheet
1Mb / 7P
   Thyristors 4 Amp High Temperature Sensitive SCRs
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S802ECS LITTELFUSE-S802ECS Datasheet
1Mb / 6P
   EV Series 1.5 Amp Sensitive SCRs
Revised: 09/04/19
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
   SENSITIVE SCRS
logo
STMicroelectronics
TS420-600T STMICROELECTRONICS-TS420-600T Datasheet
110Kb / 11P
   Sensitive gate 4 A SCRs
logo
Unisonic Technologies
X0202 UTC-X0202 Datasheet
218Kb / 5P
   SENSITIVE SCRS
logo
Littelfuse
T106D2 LITTELFUSE-T106D2 Datasheet
205Kb / 12P
   Sensitive SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com