Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45RN-2112 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 45RN-2112
Description  PRESSFIT NEON, LED INCANDESCENT INDICATOR LIGHTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

45RN-2112 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  45RN-2112 Datasheet HTML 1Page - List of Unclassifed Manufacturers 45RN-2112 Datasheet HTML 2Page - List of Unclassifed Manufacturers 45RN-2112 Datasheet HTML 3Page - List of Unclassifed Manufacturers 45RN-2112 Datasheet HTML 4Page - List of Unclassifed Manufacturers 45RN-2112 Datasheet HTML 5Page - List of Unclassifed Manufacturers 45RN-2112 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PRESSFIT INDICATOR LIGHTS
FOR 5/16" DIA. MOUNTING HOLE
Lighting Components & Design, Inc.®
· 692 S. Military Trail, Deerfield Bch., FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110
I-30 Indicator Lights
Revised July, 1997
Polarity Determination - Tab Terminals: One tab terminal is tin plated to denote anode (+); one tab terminal is
unplated to designate the cathode (-).
Hi-Hat Lens or
Flush Lens
Variety of
Lens Colors
3/16" Tab Terminals
5/16" Mounting Hole
L45 Series
LED Indicator Lights
Zinc Plated Bezel
White Housing
2 to 24 Design Volts
PressFit Mounting
Flush Lens Style
With bezel.
1/64"
19/64"
Hi-Hat Lens Style
With bezel.
7/32"
19/64"
Part Number With Hi-Hat Lens
3/16" Tab Terminals
Part Number With Flush Lens
3/16" Tab Terminals
Lens Color
DC Design Volts
L45RN-A2-2113
L45RN-A2-2313
Amber
2
L45RN-A6-2113
L45RN-A6-2313
Amber
6
L45RN-A12-2113
L45RN-A12-2313
Amber
12
L45RN-A24-2113
L45RN-A24-2313
Amber
24
L45RN-G2-2112
L45RN-G2-2312
Green
2
L45RN-G6-2112
L45RN-G6-2312
Green
6
L45RN-G12-2112
L45RN-G12-2312
Green
12
L45RN-G24-2112
L45RN-G24-2312
Green
24
L45RN-R2-2111
L45RN-R2-2311
Red
2
L45RN-R6-2111
L45RN-R6-2311
Red
6
L45RN-R12-2111
L45RN-R12-2311
Red
12
L45RN-R24-2111
L45RN-R24-2311
Red
24
L45RN-Y2-2116
L45RN-Y2-2316
Yellow
2
L45RN-Y6-2116
L45RN-Y6-2316
Yellow
6
L45RN-Y12-2116
L45RN-Y12-2316
Yellow
12
L45RN-Y24-2116
L45RN-Y24-2316
Yellow
24


Similar Description - 45RN-2112

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2150A CML-2150A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
1030D CML-1030D Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
2110A CML-2110A Datasheet
228Kb / 1P
   Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1050QC VCC-1050QC Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com