Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1938FA-AH Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB1938FA-AH
Description  1ch, Low-saturation Forward/Reverse Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1938FA-AH Datasheet(HTML) 3 Page - ON Semiconductor

  LB1938FA-AH Datasheet HTML 1Page - ON Semiconductor LB1938FA-AH Datasheet HTML 2Page - ON Semiconductor LB1938FA-AH Datasheet HTML 3Page - ON Semiconductor LB1938FA-AH Datasheet HTML 4Page - ON Semiconductor LB1938FA-AH Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1938FA
No.A2041-3/5
Pin Assignment
S-GND: GND for the control system
P-GND: GND for the power system
Truth Table
IN1
IN2
OUT1
OUT2
Mode
L
L
OFF
OFF
Standby
H
L
H
L
Forward rotation
L
H
L
H
Reverse rotation
H
H
H
H
Brake
Sample Application Circuit
Cautions:
• VCC and GND lines suffer substantial fluctuation in the current quantity, causing a problem of line oscillation in
certain cases. In this case, take following points into account:
(1) Use a thick and short wiring to reduce the wiring inductance.
(2) Insert a capacitor with satisfactory frequency characteristics near IC.
(3) Connect S-GND to the control system GND on the CPU side and P-GND to the power system GND.
VCC 1
2
3
4
8
7
6
5
IN1
IN2
S-GND
P-GND
OUT1
OUT2
NC
Top view
LB1938FA
VCC
OUT1
IN1
OUT2
IN2
P-GND
S-GND
M
CPU
6
7
1
2
3
4
8


Similar Part No. - LB1938FA-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
More results

Similar Description - LB1938FA-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
   Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1841V SANYO-LB1841V Datasheet
55Kb / 7P
   Low-Saturation Current-Controlled Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com