Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225-400 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # 225-400
Description  FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

225-400 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  225-400 Datasheet HTML 1Page - Cooper Bussmann, Inc. 225-400 Datasheet HTML 2Page - Cooper Bussmann, Inc. 225-400 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0713
BU-SB13729
Page 3 of 3
Data Sheet # 1018
FUSETRON™ 600V Class RK5
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Current-Limitation Curves
400000
9000
8000
7000
6000
300000
200000
100000
5000
4000
90000
3000
2000
1000
80000
70000
60000
B
A
50000
40000
30000
20000
10000
600A
400A
200A
100A
PROSPECTIVE SHORT-CIRCUIT CURRENT - SYMMETRICAL RMS AMPS
FRS-R — 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Current-Limiting Effects
Prosp.
Let-Through Current
S.C.C.
(Apparent RMS Symmetrical Vs. Fuse Rating)
100A
200A
400A
600A
5000
3000
4000
5000
5000
10,000
4000
5000
9000
10,000
15,000
4000
6000
10,000
14,000
20,000
5000
7000
11,000
15,000
25,000
5000
7000
12,000
17,000
30,000
5000
8000
13,000
18,000
35,000
5000
8000
13,000
18,000
40,000
6000
9000
14,000
19,000
50,000
6000
9000
14,000
20,000
60,000
6000
10,000
15,000
22,000
70,000
7000
11,000
17,000
23,000
80,000
7000
12,000
17,000
23,000
90,000
7000
12,000
17,000
24,000
100,000
8000
13,000
18,000
25,000
150,000
9000
14,000
21,000
27,000
200,000
9000
16,000
23,000
32,000


Similar Part No. - 225-400

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
225-400A COOPER-225-400A Datasheet
3Mb / 12P
   Industrys fi rst modular fuse block simplifi es design and enhances safety
More results

Similar Description - 225-400

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
   FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
   FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
   FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
   LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
   FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
   LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
   Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
   Dual-Element Time-Delay Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com