Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103B Datasheet(PDF) 2 Page - General Semiconductor

Part # SD103B
Description  Schottky Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SD103B Datasheet(HTML) 2 Page - General Semiconductor

  SD103B Datasheet HTML 1Page - General Semiconductor SD103B Datasheet HTML 2Page - General Semiconductor SD103B Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
SD103A THRU SD103C
Symbol
Min.
Typ.
Max.
Unit
Leakage Current
at VR = 30 V
SD103A
at VR = 20 V
SD103B
at VR = 10 V
SD103C
IR
IR
IR
5
5
5
µA
µA
µA
Forward Voltage Drop
at IF = 20 mA
at IF = 200 mA
VF
VF
0.37
0.6
V
V
Junction Capacitance
at VR = 0 V, f = 1 MHz
Ctot
–50
pF
Reverse Recovery Time
at IF = IR = 50 mA to 200 mA, recover to 0.1 IR
trr
–10
ns
Thermal Resistance Junction to Ambient Air
RthJA
––0.31)
K/mW
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature (DO-35)
RATINGS AND CHARACTERISTIC CURVES SD103A THRU SD103C


Similar Part No. - SD103B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103B SEMTECH-SD103B Datasheet
194Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications?
logo
SeCoS Halbleitertechnol...
SD103B SECOS-SD103B Datasheet
364Kb / 2P
   0.35AMP Schottky Barrier Rectifiers
logo
SHENZHEN YONGERJIA INDU...
SD103B WINNERJOIN-SD103B Datasheet
136Kb / 4P
   Schottky Barrier Diode
logo
Diodes Incorporated
SD103B DIODES-SD103B Datasheet
66Kb / 3P
   SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
SEMTECH ELECTRONICS LTD...
SD103B SEMTECH_ELEC-SD103B Datasheet
121Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
More results

Similar Description - SD103B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com