Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3011 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FODM3011
Description  4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3011 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FODM3011 Datasheet HTML 1Page - Fairchild Semiconductor FODM3011 Datasheet HTML 2Page - Fairchild Semiconductor FODM3011 Datasheet HTML 3Page - Fairchild Semiconductor FODM3011 Datasheet HTML 4Page - Fairchild Semiconductor FODM3011 Datasheet HTML 5Page - Fairchild Semiconductor FODM3011 Datasheet HTML 6Page - Fairchild Semiconductor FODM3011 Datasheet HTML 7Page - Fairchild Semiconductor FODM3011 Datasheet HTML 8Page - Fairchild Semiconductor FODM3011 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM30XX Rev. 1.0.6
3
Electrical Characteristics (T
A = 25°C)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
*All typicals at TA = 25°C
Notes:
1. Test voltage must be applied within dv/dt rating.
2. This is static dv/dt. See Figure 1 for test circuit Commutating dv/dt is function of the load-driving thyristor(s) only.
3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating
IF lies between max IFT (10mA for FODM3011, FODM3022, and FODM3052, 5mA for FODM3012, FODM3023,
and FODM3053) and absolute max IF (60mA).
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10mA
All
1.20
1.5
V
IR
Reverse Leakage Current
VR = 3V, TA = 25°C
All
0.01
100
µA
DETECTOR
IDRM
Peak Blocking Current Either
Direction
Rated VDRM, IF = 0
(1)
All
2
100
nA
dV/dt
Critical Rate of Rise of
Off-State Voltage
IF = 0 (Figure 8)
(2)
FODM3011,
FODM3012,
FODM3022,
FODM3023
10
V/µs
FODM3052,
FODM3053
1,000
Symbol
DC Characteristics
Test Conditions
Device
Min.
Typ.*
Max.
Unit
IFT
LED Trigger Current
Main Terminal
Voltage = 3V(3)
FODM3011,
FODM3022,
FODM3052
10
mA
FODM3012,
FODM3023,
FODM3053
5
IH
Holding Current, Either
Direction
All
300
µA
VTM
Peak On-State Voltage Either
Direction
ITM = 100mA peak
All
1.7
3
V
Symbol
Characteristic
Test Conditions
Device
Min.
Typ.*
Max.
Unit
VISO
Steady State Isolation
Voltage
1 Minute,
R.H. = 40% to 60%
All
3750
VRMS


Similar Part No. - FODM3011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011 Datasheet
99Kb / 10P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
FODM3011 FAIRCHILD-FODM3011 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3011 FAIRCHILD-FODM3011 Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3011 FAIRCHILD-FODM3011 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3011 FAIRCHILD-FODM3011 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results

Similar Description - FODM3011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R2 FAIRCHILD-FODM3012R2 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011 Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com