Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN3258-75-34 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FN3258-75-34
Description  Ultra-compact EMC/RFI Filter for Motor Drives Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN3258-75-34 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FN3258-75-34 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN3258-75-34 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN3258-75-34 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN3258-75-34 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Mechanical data
Note: in favour of a better readability, connectors and earth studs are not shown in the horizontal projection.
Dimensions
7 A
16 A
30 A
42 A
55 A
75 A
100 A
130 A
180 A
A
190
250
270
310
250
270
270
270
380
B
40
45
50
50
85
80
90
90
120
C
70
70
85
85
90
135
150
150
170
D
160
220
240
280
220
240
240
240
350
E
180
235
255
295
235
255
255
255
365
F
20
25
30
30
60
60
65
65
102
G
4.5
5.4
5.4
5.4
5.4
6.5
6.5
6.5
6.5
H
1
1
1
1
1
1.5
1.5
1.5
1.5
I
22
22
25
25
39
39
45
45
51
J
M5
M5
M5
M6
M6
M6
M10
M10
M10
K
20
22.5
25
25
42.5
40
45
45
60
L2
29.5
29.5
39.5
37.5
26.5
70.5
64
64
47
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m / EN 22768-m
Filter input/outputconnector cross sections
-33
-34
-35
-40
-44
Solidwire
16 mm2
35 mm2
50 mm2
95 mm2
10 mm2
Flexwire
10 mm2
25 mm2
50 mm2
95 mm2
6 mm2
AWGtypewire
AWG 6
AWG 2
AWG 1/0
AWG 4/0
AWG 8
Recommendedtorque
1.5-1.8 Nm
4.0-4.5 Nm
7 8 Nm
17-20 Nm
1.5-1.8 Nm
Please visit www.schaffner.com to find more details on filter connectors.
3


Similar Part No. - FN3258-75-34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN3258-130-35 ETC2-FN3258-130-35 Datasheet
206Kb / 4P
   Ultra-compact EMC/RFI Filter for Motor Drives Applications 3-Phase Filters FN 3258
More results

Similar Description - FN3258-75-34

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
   Compact EMC/RFI Filter for Motor Drives
logo
List of Unclassifed Man...
FN3258-130-35 ETC2-FN3258-130-35 Datasheet
206Kb / 4P
   Ultra-compact EMC/RFI Filter for Motor Drives Applications 3-Phase Filters FN 3258
FN350-8-29 ETC2-FN350-8-29 Datasheet
551Kb / 4P
   Single-phase EMC/RFI Filter for Motor Drives
logo
Schaffner International...
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
   Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-3120 SCHAFFNER-FN-3120 Datasheet
309Kb / 4P
   High-Performance EMC/RFI Filter for Drives
FN-3100 SCHAFFNER-FN-3100 Datasheet
310Kb / 4P
   Bookstyle EMC/EMI Filter for Motor Drives
FN-406 SCHAFFNER-FN-406 Datasheet
1Mb / 4P
   Ultra Compact EMC Filter
logo
List of Unclassifed Man...
FN406-3-02 ETC2-FN406-3-02 Datasheet
354Kb / 3P
   Ultra Compact EMC Filter
logo
Schaffner International...
FN2220 SCHAFFNER-FN2220 Datasheet
365Kb / 5P
   DC-Busbar EMC/RFI Filter for EV charging applications
27 Oct 2021
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
   High-current EMC/RFI Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com