Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLF25L25CT Datasheet(PDF) 2 Page - General Semiconductor

Part # SBLF25L25CT
Description  LOW VF SCHOTTKY ISOLATED PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SBLF25L25CT Datasheet(HTML) 2 Page - General Semiconductor

  SBLF25L25CT Datasheet HTML 1Page - General Semiconductor SBLF25L25CT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1
10
100
0.1
1
10
100
0
50
100
150
0
5
10
15
20
25
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.01
0.1
1
10
50
1
10
100
0
50
100
150
200
250
300
0.1
1
10
100
100
1,000
4,000
0
20
40
60
80
100
0.001
0.01
0.1
1
10
50
TJ=125¡C
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, ¡C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE
CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=75¡C
TJ=25¡C
TJ=25¡C
PULSE WIDTH=300
ms
1% DUTY CYCLE
TJ=125¡C
FIG. 6 - TYPICAL TRANSIENT THERMAL
IMPEDANCE PER LEG
t, PULSE DURATION, sec.
TJ=25¡C
f=1.0 MHz
Vsig=50mVp-p
RESISTIVE OR INDUCTIVE LOAD
RATINGS AND CHARACTERISTIC CURVES SBLF25L20CT THRU SBLF25L30CT


Similar Part No. - SBLF25L25CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SBLF25L25CT GOOD-ARK-SBLF25L25CT Datasheet
247Kb / 3P
   Dual Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBLF25L25CT-E3 VISHAY-SBLF25L25CT-E3 Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
SBLF25L25CTHE3 VISHAY-SBLF25L25CTHE3 Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
More results

Similar Description - SBLF25L25CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10L100CT TSC-MBRF10L100CT Datasheet
185Kb / 2P
   10.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRF30L45CT TSC-MBRF30L45CT_11 Datasheet
252Kb / 2P
   30.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRF20L100CT TSC-MBRF20L100CT Datasheet
186Kb / 2P
   20.0AMPS Isolated Low VF Schottky Barrier Rectifier
logo
General Semiconductor
MBRF1535CT GE-MBRF1535CT Datasheet
118Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF2535CT GE-MBRF2535CT Datasheet
117Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF2035CT GE-MBRF2035CT Datasheet
124Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
SBLF1030 GE-SBLF1030 Datasheet
110Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
SBLF1030CT GE-SBLF1030CT Datasheet
113Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com