Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL25L25CT Datasheet(PDF) 1 Page - General Semiconductor

Part # SBL25L25CT
Description  LOW VF SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SBL25L25CT Datasheet(HTML) 1 Page - General Semiconductor

  SBL25L25CT Datasheet HTML 1Page - General Semiconductor SBL25L25CT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBL25L20CT THRU SBL25L30CT
LOW VF SCHOTTKY RECTIFIER
Reverse Voltage - 20 and 25 Volts
Forward Current - 25.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Metal silicon junction, majority carrier conduction
♦ Low power loss, high efficiency
♦ High current capability
♦ Very low forward voltage drop
♦ High surge capability
♦ Guardring for overvoltage protection
♦ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic body
Terminals: Leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 5in.-lbs. max.
Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
SBL25L20CT
SBL25L25CT
SBL25L30CT
UNITS
Maximum repetitive peak reverse voltage
VRRM
20
25
30
Volts
Maximum RMS voltage
VRMS
14
17
21
Volts
Maximum DC blocking voltage
VDC
20
25
30
Volts
Maximum average forward rectified current
at TC=95°C
IF(AV)
25.0
Amps
Peak forward surge current, 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
180.0
Amps
Maximum instantaneous forward voltage per leg at 12.5A (NOTE 1)
TC=125°C
VF
0.39
TC=25°C
0.49
Volts
Maximum instantaneous reverse current at
TC=25°C
1.0
rated DC blocking voltage per leg (NOTE 1)
TC=100°C
IR
50.0
mA
TC=125°C
100.0
Typical thermal resistance per leg (NOTE 2)
R
ΘJC
1.5
°C/W
Operating junction and storage temperature range
TJ, TSTG
-40 to +125
°C
NOTES:
(1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) Thermal resistance from junction to case per leg
4/98
0.415 (10.54) MAX.
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
0.110 (2.79)
0.100 (2.54)
PIN
1
2
3
PIN 1
PIN 3
CASE
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN 2
0.370 (9.40)
0.360 (9.14)
TO-220AB
Dimensions in inches and (millimeters)
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - SBL25L25CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SBL25L25CT GOOD-ARK-SBL25L25CT Datasheet
247Kb / 3P
   Dual Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBL25L25CT VISHAY-SBL25L25CT Datasheet
148Kb / 6P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBL25L25CT VISHAY-SBL25L25CT Datasheet
149Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
12-Mar-12
SBL25L25CT-E3 VISHAY-SBL25L25CT-E3 Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
SBL25L25CTHE3 VISHAY-SBL25L25CTHE3 Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
More results

Similar Description - SBL25L25CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
CBD20120LCT PANJIT-CBD20120LCT Datasheet
52Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
SBM2060VCT PANJIT-SBM2060VCT_16 Datasheet
237Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SK54BL PANJIT-SK54BL Datasheet
232Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SB4045LCT PANJIT-SB4045LCT_16 Datasheet
91Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SB4040LDC-AU PANJIT-SB4040LDC-AU Datasheet
108Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT PANJIT-CBD20150VFCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT PANJIT-SBT20100UCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SK54BLF PANJIT-SK54BLF Datasheet
342Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SVM1550U PANJIT-SVM1550U Datasheet
180Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
logo
Shenzhen Winsemi Microe...
WSC15U50 WINSEMI-WSC15U50 Datasheet
131Kb / 4P
   Low VF Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com