Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL2040CT Datasheet(PDF) 1 Page - General Semiconductor

Part # SBL2040CT
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SBL2040CT Datasheet(HTML) 1 Page - General Semiconductor

  SBL2040CT Datasheet HTML 1Page - General Semiconductor SBL2040CT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBL2030CT AND SBL2040CT
SCHOTTKY RECTIFIER
Reverse Voltage - 30 and 40 Volts
Forward Current - 20.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
♦ Metal silicon junction,
majority carrier conduction
♦ Low power loss, high efficiency
♦ High current capability,
low forward voltage drop
♦ High surge capability
♦ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
♦ Dual rectifier construction, positive center-tap
♦ Guardring for overvoltage protection
♦ High temperature soldering guaranteed:
250
°C/10 seconds, 0.17" (4.3mm) from case
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic
Terminals: Leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 5 in. - lbs.max.
Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
°C ambient temperature unless otherwise specified.
SYMBOLS
SBL2030CT
SBL2040CT
UNITS
Maximum repetitive peak reverse voltage
VRRM
30
40
Volts
Maximum RMS voltage
VRMS
21
28
Volts
Maximum DC blocking voltage
VDC
30
40
Volts
Maximum average forward rectified current
at TC=105°C
I(AV)
20.0
Amps
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
175.0
Amps
(JEDEC Method)
Peak repetitive reverse surge current (NOTE 3)
IRRM
1.0
Amp
Maximum instantaneous forward voltage
per leg at 10.0A (NOTE 1)
VF
0.55
Volts
Maximum instantaneous current at
TC=25°C
1.0
rated DC blocking voltage per leg
(NOTE 1) TC=100°C
IR
50.0
mA
Typical thermal resistance per leg (NOTE 2)
R
ΘJC
2.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-40 to +125
°C
NOTES:
(1) Pulse test: 300
µs pulse width, 1% duty cyle
(2) Thermal resistance from junction to case per leg
(3) 2.0
µs pulse width, f=1.0 KHZ
4/98
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
0.415 (10.54) MAX.
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
0.110 (2.79)
0.100 (2.54)
PIN
1
2
3
PIN 1
PIN 3
CASE
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN 2
0.370 (9.40)
0.360 (9.14)
TO-220AB
Dimensions in inches and (millimeters)


Similar Part No. - SBL2040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL2040CT DIODES-SBL2040CT Datasheet
66Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23015 Rev. F-2
logo
Vishay Siliconix
SBL2040CT VISHAY-SBL2040CT Datasheet
149Kb / 5P
   Dual Common-Cathode Schottky Rectifier
12-Mar-12
logo
GOOD-ARK Electronics
SBL2040CT GOOD-ARK-SBL2040CT Datasheet
250Kb / 3P
   Dual Low VF Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBL2040CT DIODES-SBL2040CT Datasheet
76Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
DS23015 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
SBL2040CT BILIN-SBL2040CT Datasheet
242Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL2040CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com