Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65364-11 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY65364-11
Description  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65364-11 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY65364-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65364-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65364-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65364-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65364-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65364-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65364-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65364-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65364-11 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
WWW.SKYWORKSINC.COM
7
POwEr MAnAgEMEnT
Battery Chargers
Table 4. linear Chargers
Part
Number
Function
Max. Charge Current
(mA)
V
IN
(V)
Package
(mm)
AAT3663
Linear Li-Ion Battery Charger for Single and Dual Cell Applications
1000
4.0–13.2
TDFN 14L 3 x 3
AAT3681
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
300
4.0–6.5
SC70JW 8L 2.0 x 2.1
Table 5. Switching Charger
Part
Number
Function
Switching Frequency
(kHz)
V
IN
(V)
Package
(mm)
AAT3620
Cell Li+ Switch Mode Battery Charger
1500
4.3–6.0
TDFN 14L 3 x 3
Table 6. Supercapacitor Chargers
Part
Number
Function
Fault Flag
V
IN
(V)
Package
(mm)
AAT4712
Supercapacitor Charger with Input Current Limit
POK; RDY
2.5–5.5
TDFN34 16L 3 x 4
AAT4621
PC Card Current Limit Interface and Capacitor Charger
Yes
3.0–3.5
TDFN 14L 3 x 3
Table 3. low noise Amplifiers
Part
Gain
NF
I
CC
IP
1 dB
Package
Frequency Band (MHz)
Number
Function
(dB)
(dB)
(mA)
(dBm)
(mm)
450
915
2400
SKY65050-372LF
LNA, Discrete (250–6000 MHz)
16 dB @ 900 MHz
0.6
10
-9
SC-70 2.2 x 1.35
SKY65047-360LF
LNA with Shutdown Mode
16.5 dB @ 915 MHz
0.85
7.8
-7
QFN 2 x 2
SKY65405-21
LNA with Shutdown Mode
14
1
12
-3
QFN 1.5 x 1.5
SKY67012-396LF
LNA, Discrete (300–600 MHz)
16
0.9
15
-1
DFN 2 x 2
SKY67013-396LF
LNA, Discrete (600–1500 MHz)
14.5
0.85
15
2.5
DFN 2 x 2
SKY67014-396LF
LNA, Discrete (1500–3000 MHz)
12
0.95
5
5
DFN 2 x 2
SKY67110-396LF
LNA, High Linearity
21
0.65
77
2
DFN 2 x 2
SKY67101-396LF
LNA, High Linearity
17.9
0.5
56
2.6
DFN 2 x 2
SKY67102-396LF
LNA, High Linearity
17.2
0.8
50
-1
QFN 2 x 2
Amplifiers, Power Management
AMPlIFIErS (COnTInuEd)


Similar Part No. - SKY65364-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65364-21 SKYWORKS-SKY65364-21 Datasheet
722Kb / 14P
   High-efficiency PA
More results

Similar Description - SKY65364-11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com