Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPU-1440 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPU-1440
Description  Vortex86DX processor at 600MHz x86 compatibility
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1440 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPU-1440 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1440 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Board Architecture
Order Codes
North America
sales.na@eurotech.com
Europe, Middle East and Africa
sales.emea@eurotech.com
Latin America
sales.la@eurotech.com
Asia Pacific
sales.ap@eurotech.com
For your local contact please refer to:
www.eurotech.com/contacts
PROCESSOR
Vortex86DX
600MHz
2x16KB L1 cache, 256KB L2 cache)
SYSTEM MEMORY
DDR2 SDRAM 128MB
BIOS
Phoenix / General Software Embedded BIOS
EXPANSION BUSES
PC/104-Plus (32-bit PCI)
PC/104 (16-bit ISA)
GRAPHICS
Analog VGA Interface
18-bit TFT and LVDS interfaces
Composite TV PAL or NTSC output
USB SUPPORTS
4x USB 2.0 ports supporting low/full/high speed mode
ETHERNET
1x fast Ethernet port supporting 10/100BaseT
STANDARD I/O
4x high speed serial ports, 16C550 compatible (1x RS-232, 3x TTL)
1x parallel port
FLASH DISK
2MB SPI on-board flash disk
POWER SUPPLY
5V only operation
Power consumption less than 4W
External battery for RTC back up
MECHANICAL
PC/104-Plus form factor
97x100mm
ENVIRONMENTAL
Operating temperature: -40°C to +70°C
RoHS directive: lead free
BOARD
• CPU-1440-00: 600MHz Vortex86DX, 128MB RAM, 2MB Flash Disk
PERIPHERAL & ACCESSORIES
• CBL-1440-00: cable kit with interfaces for COM1, COM2, COM3, COM4
(RS-232), 4x USB, VGA, Ethernet RJ45, keyboard and mouse connections
• CDADAIDECFCPU144001: IDE/Compact Flash Interface
DEV KIT
• DEVKITCPU1440CE1.0: CPU board, breakout board, LCD display,
power supply and Win CE BSP
• DEVKITCPU1440LX1.0: CPU board, breakout board, LCD display,
power supply and Linux BSP
CPU-1440
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_CPU1440_DS_05/2011
PC/104+ Module with
Vortex86DX processor


Similar Part No. - CPU-1440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
   Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
   Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
CPU-1472 ETC2-CPU-1472 Datasheet
53Kb / 3P
   Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
CPU-1474 ETC2-CPU-1474 Datasheet
53Kb / 3P
   PC/104-Plus compliant Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
CPU-1482 ETC2-CPU-1482 Datasheet
53Kb / 3P
   PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
More results

Similar Description - CPU-1440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISISXL ETC2-ISISXL Datasheet
71Kb / 3P
   Intel Atom Processor up to 1.33GHz High performance x86 compatibility in a fanless design
logo
National Semiconductor ...
GX1 NSC-GX1 Datasheet
4Mb / 247P
   Processor Series Low Power Integrated x86 Solution
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
AAEON Technology
PFM-535S AAEON-PFM-535S Datasheet
252Kb / 2P
   PC/104 Module With DM&P Vortex86SX/Vortex86DX SoC Processor
logo
National Semiconductor ...
GXM NSC-GXM Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
GXLV NSC-GXLV Datasheet
4Mb / 247P
   Geode??GXLV Processor Series Low Power Integrated x86 Solutions
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
   Language Compatibility
logo
List of Unclassifed Man...
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Fairchild Semiconductor
AN-5023 FAIRCHILD-AN-5023 Datasheet
202Kb / 3P
   LVDS Compatibility
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com