Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8517IBPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8517IBPWR
Description  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8517IBPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8517IBPWR Datasheet HTML 4Page - Texas Instruments ADS8517IBPWR Datasheet HTML 5Page - Texas Instruments ADS8517IBPWR Datasheet HTML 6Page - Texas Instruments ADS8517IBPWR Datasheet HTML 7Page - Texas Instruments ADS8517IBPWR Datasheet HTML 8Page - Texas Instruments ADS8517IBPWR Datasheet HTML 9Page - Texas Instruments ADS8517IBPWR Datasheet HTML 10Page - Texas Instruments ADS8517IBPWR Datasheet HTML 11Page - Texas Instruments ADS8517IBPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
0.2
0.1
0
-0.1
-0.2
Temperature( C)
°
-50
-25
125
100
75
50
25
0
Unipolar4VRange
0.2
0.1
0
-0.1
-0.2
Temperature( C)
°
-50
-25
125
100
75
50
25
0
Unipolar5VRange
0.10
0.05
0
-0.05
-0.10
Temperature( C)
°
-50
-25
125
100
75
50
25
0
Unipolar4VRange
0.10
0.05
0
-0.05
-0.10
Temperature( C)
°
-50
-25
125
100
75
50
25
0
Unipolar5VRange
110
105
100
95
90
85
80
-80
-85
-90
-95
-100
-105
-110
Temperature( C)
°
-50
-25
125
100
75
50
25
0
SINAD
SNR
SFDR
THD
f
=10kHz,0dB
IN
89.5
89.0
88.5
88.0
87.5
Temperature( C)
°
-50
-25
125
100
75
50
25
0
f =100kHz
S
f =150kHz
S
f
=10kHz,0dB
IN
f =200kHz
S
f =50kHz
S
ADS8517
SLAS527A – SEPTEMBER 2008 – REVISED JUNE 2009 ................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
At fS = 200 kHz, VDIG = VANA = 5 V, and using internal reference (see Figure 39), unless otherwise specified.
UNIPOLAR OFFSET ERROR
UNIPOLAR OFFSET ERROR
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
UNIPOLAR FULL-SCALE ERROR
UNIPOLAR FULL-SCALE ERROR
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 9.
Figure 10.
AC PARAMETERS
SIGNAL-TO-(NOISE+DISTORTION)
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8517


Similar Part No. - ADS8517IBPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8517IBPWR TI-ADS8517IBPWR Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Similar Description - ADS8517IBPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com