Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7887SDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7887SDBVT
Description  10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7887SDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7887SDBVT Datasheet HTML 5Page - Texas Instruments ADS7887SDBVT Datasheet HTML 6Page - Texas Instruments ADS7887SDBVT Datasheet HTML 7Page - Texas Instruments ADS7887SDBVT Datasheet HTML 8Page - Texas Instruments ADS7887SDBVT Datasheet HTML 9Page - Texas Instruments ADS7887SDBVT Datasheet HTML 10Page - Texas Instruments ADS7887SDBVT Datasheet HTML 11Page - Texas Instruments ADS7887SDBVT Datasheet HTML 12Page - Texas Instruments ADS7887SDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
ADS7888 NORMAL OPERATION
1
2
4
5
6
12
15
CS
SCLK
SDO
0
0
0
D7
D6
D1
D0
11
0
0
16
td1
td2
th1
tconv
1/throughput
tq
td3
tw1
b
tsu1
a
0
1
2
4
5
6
12
CS
SCLK
SDO
0
0
0
D7
D6
D1
D0
11
td1
td2
th1
tconv
1/throughput
tq
th1
tw1
b
tsu1
a
td4
POWER DOWN MODE
ADS7887
ADS7888
SLAS468 – JUNE 2005
The cycle begins with the falling edge of CS . This point is indicated as a in Figure 2. With the falling edge of CS,
the input signal is sampled and the conversion process is initiated. The device outputs data while the conversion
is in progress. The data word contains 4 leading zeros, followed by 8-bit data in MSB first format and padded by
4 lagging zeros.
The falling edge of CS clocks out the first zero, and a zero is clocked out on every falling edge of the clock until
the third edge. Data is in MSB first format with the MSB being clocked out on the 4th falling edge. Data is padded
with four lagging zeros as shown in Figure 2. On the 16th falling edge of SCLK, SDO goes to the 3-state
condition. The conversion ends on the 12th falling edge of SCLK. The device enters the acquisition phase on the
first rising edge of SCLK after the 11th falling edge. This point is indicated by b in Figure 2.
CS can be asserted (pulled high) after 16 clocks have elapsed. It is necessary not to start the next conversion by
pulling CS low until the end of the quiet time (tq) after SDO goes to 3-state. To continue normal operation, it is
necessary that CS is not pulled high until point b. Without this, the device does not enter the acquisition phase
and no valid data is available in the next cycle. (Also refer to power down mode for more details.) CS going high
any time after the conversion start aborts the ongoing conversion and SDO goes to 3-state.
The high level of the digital input to the device is not limited to device VDD. This means the digital input can go as
high as 5.25 V when the device supply is 2.35 V. This feature is useful when digital signals are coming from
another circuit with different supply levels. Also, this relaxes the restriction on power up sequencing. However,
the digital output levels (VOH and VOL) are governed by VDD as listed in the SPECIFICATIONS section.
Figure 2. ADS7888 Interface Timing Diagram
As shown in Figure 3, the ADS7888 can achieve 1.5-MSPS throughput. CS can be pulled high after the 12th
falling edge (with a 25-MHz SCLK). SDO goes to 3-state after the LSB (as CS is high). CS can be pulled low at
the end of the quiet time (tq) after SDO goes to 3-state.
Figure 3. ADS7888 Interface Timing Diagram, Data Transfer with 12-Clock Frame
The device enters power down mode if CS goes high anytime after the 2nd SCLK falling edge to before the 10th
SCLK falling edge. Ongoing conversion stops and SDO goes to 3-state under this power down condition as
shown in Figure 4.
9


Similar Part No. - ADS7887SDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887SDBVT BURR-BROWN-ADS7887SDBVT Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887SDBVTG4 BURR-BROWN-ADS7887SDBVTG4 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS7887SDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com