Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC121S625CIMM Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC121S625CIMM
Description  ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S625CIMM Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC121S625CIMM Datasheet HTML 2Page - Texas Instruments ADC121S625CIMM Datasheet HTML 3Page - Texas Instruments ADC121S625CIMM Datasheet HTML 4Page - Texas Instruments ADC121S625CIMM Datasheet HTML 5Page - Texas Instruments ADC121S625CIMM Datasheet HTML 6Page - Texas Instruments ADC121S625CIMM Datasheet HTML 7Page - Texas Instruments ADC121S625CIMM Datasheet HTML 8Page - Texas Instruments ADC121S625CIMM Datasheet HTML 9Page - Texas Instruments ADC121S625CIMM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DOUT
SCLK
CS
tCYC
tCONV
MSB
tCHLD
tACQ
tCL
tCH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
tCSCR
tCFCS
HI-Z
HI-Z
tEN
NULL
DB10 DB9
DB8
DB7
DB6
DB11
DB5
DB4
DB3
DB2
DB1
DB0
DB11 DB10 DB9
NULL
DB8
tCDV
tDIS
POWER DOWN
ADC121S625
SNAS294B – MAY 2005 – REVISED MARCH 2013
www.ti.com
ADC121S625 Converter Electrical Characteristics
(1) (continued)
The following specifications apply for VA = +4.5V to 5.5V, VREF = 2.5V, fSCLK = 0.8 to 3.2 MHz, fIN = 20 kHz, CL = 100 pF,
unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Units
Symbol
Parameter
Conditions
Typical
Limits
(2)
Normal Operation
16
SCLK cycles
tCYC
Throughput Time
SCLK cycles
Short Cycled
14
(min)
fRATE
Throughput Rate
200
ksps (max)
tAD
Aperture Delay
6
ns
ADC121S625 Timing Specifications
(1)
The following specifications apply for VA = +4.5V to 5.5V, VREF = 2.5V, fSCLK = 0.8 MHz to 3.2 MHz, CL = 100 pF, Boldface
limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits
Units
tCFCS
SCLK Fall toCS Fall
0
ns (min)
tCSCR
CS Fall to SCLK Rise
See (2)
0
ns (min)
tCHLD
SCLK Fall to Data Change Hold Time
See (2)
10
ns (min)
tCDV
SCLK Fall to Next DOUT Valid
38
100
ns (max)
tDIS
Rising Edge of CS To DOUT Disabled
38
50
ns (max)
tEN
2nd SCLK Fall after CS Fall to DOUT Enabled
6
50
ns (max)
tCH
SCLK High Time
42
60
ns (min)
tCL
SCLK Low Time
42
60
ns (min)
tr
DOUT Rise Time
5
50
ns (max)
tf
DOUT Fall Time
13
50
ns (max)
(1)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
(2)
Clock should be in low when CS is asserted, as indicated by the tCSCR and tCFCS specifications.
Timing Diagrams
Figure 2. ADC121S625 Single Cycle Timing Diagram
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC121S625


Similar Part No. - ADC121S625CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S625CIMM NSC-ADC121S625CIMM Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625CIMM TI1-ADC121S625CIMM Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S625CIMM/NOPB TI1-ADC121S625CIMM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
National Semiconductor ...
ADC121S625CIMMX NSC-ADC121S625CIMMX Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625CIMMX/NOPB TI1-ADC121S625CIMMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
More results

Similar Description - ADC121S625CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 TI1-ADC121S655 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
National Semiconductor ...
ADC121S655 NSC-ADC121S655 Datasheet
536Kb / 22P
   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com