Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3420-28 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS3420-28
Description  GT Connectors - accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS3420-28 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS3420-28 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS3420-28 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS3420-28 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS3420-28 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS3420-28 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS3420-28 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS3420-28 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS3420-28 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS3420-28 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
79
GT Connectors – accessories
10-40450, 10-36675, 10-580649 sealing gaskets
PLAIN FLAT GASKET
The Amphenol® plain flat gasket of synthetic rubber material
is provided to take complete advantage of waterproof and
pressure sealing features. It is for use with the flange
mounted receptacle.
SHIELDING GASKET
This flat gasket is provided to give the maximum in connector
performance. Its special feature is in providing the maximum
radio shielding under difficult conditions of high receiver sen-
sitivity and low signal strength while retaining the sealing
characteristics of the plain gasket. This gasket is for use with
the flange mounting receptacle.
LOW TEMPERATURE GASKET
This gasket is provided for applications where the major
requirement is resistance to the injurious effects of extremely
low temperature. Even at temperatures as low as –67°F this
gasket retains its resiliency and will seal a pressure differen-
tial of 30 psi.
Additional versions of gaskets are available including low
smoke zero halogen, and also high temperature and conduc-
tive types. Consult Amphenol lndustrial Operations, Sidney
NY, for further information.
Installation Dimensions
MS
Shell
Size
A
±.010
Front Panel
Versions
B
+.016
– .000
Rear Panel
Version
B
+.016
– .000
C
+.016
– .000
D
±.010
10SL
.719
.625
.724
1.000
.172
14S
.906
.875
.976
1.188
.172
16S
.969
1.000
1.087
1.281
.172
16
.969
1.000
1.087
1.281
.172
18
1.063
1.125
1.220
1.375
.203
20
1.156
1.250
1.354
1.500
.203
22
1.250
1.375
1.480
1.625
.203
24
1.375
1.500
1.618
1.750
.203
28
1.563
1.750
1.846
2.000
.203
32
1.750
2.000
2.110
2.250
.219
36
1.938
2.188
2.354
2.500
.219
40
2.188
2.438
2.587
2.750
.219
Installation Dimensions
MS
Shell
Size
A
±0.2
Front Panel
Versions
B
+0.4
–0.0
Rear Panel
Version
B
+0.4
–0.0
C
+0.4
–0.0
D
±0.2
10SL
18.2
15.9
18.4
25.4
4.36
14S
23.0
22.2
24.8
30.2
4.36
16S
24.6
25.4
27.6
32.5
4.36
16
24.6
25.4
27.6
32.5
4.36
18
27.0
28.57
31.0
35.0
5.15
20
29.4
31.75
34.4
38.1
5.15
22
31.8
34.9
37.6
41.2
5.15
24
34.9
38.1
41.1
44.5
5.15
28
39.7
44.45
46.9
50.8
5.15
32
44.5
50.8
53.6
57.2
5.56
36
49.2
55.57
59.8
63.5
5.56
40
55.6
61.92
65.7
69.9
5.56
Order Data for
Front Panel Mount Gaskets
Front Panel
Plain Version
Front Panel
Shielding Version
Front Panel
Low Temperature
Version
Front Panel
Low Smoke ZH
Version
10-40450-10
10-40450-10S
10-36675-10
LS-40450-10
10-40450-14
10-40450-14S
10-36675-14
LS-40450-14
10-40450-16
10-40450-16S
10-36675-16
LS-40450-16
10-40450-18
10-40450-18S
10-36675-18
LS-40450-18
10-40450-20
10-40450-20S
10-36675-20
LS-40450-20
10-40450-22
10-40450-22S
10-36675-22
LS-40450-22
10-40450-24
10-40450-24S
10-36675-24
LS-40450-24
10-40450-28
10-40450-28S
10-36675-28
LS-40450-26
10-40450-32
10-40450-32S
10-36675-32
LS-40450-32
10-40450-36
10-40450-36S
10-36675-36
LS-40450-36
10-40450-40
10-40450-40S
10-36675-40
LS-40450-40
Order Data for
Rear Panel Mount Gaskets
Rear Panel
Plain Version
Rear Panel
Low Smoke ZH
Version
10-580649-11
LS-580649-11
10-580649-14
LS-580649-14
10-580649-16
LS-580649-16
10-580649-18
LS-580649-18
10-580649-20
LS-580649-20
10-580649-22
LS-580649-22
10-580649-24
LS-580649-24
10-580649-26
LS-580649-26
10-580649-32
LS-580649-32
10-580649-36
LS-580649-36
10-580649-40
LS-580649-40
C
A
C
A
B
D
4 HOLES
.031± .010
.08 ± 0.3 mm
.020 ± .004
0.5 ± 0.1 mm
SHIELDING
.031 ± .010
0.8 ± 0.3 mm
LOW
TEMPERATURE


Similar Part No. - MS3420-28

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3420-20 AMPHENOL-MS3420-20 Datasheet
28Kb / 41P
   Amphenol MIL-C-5015 Connectors MS/DS Series Accessories Dimension
MS3420-24 AMPHENOL-MS3420-24 Datasheet
28Kb / 41P
   Amphenol MIL-C-5015 Connectors MS/DS Series Accessories Dimension
More results

Similar Description - MS3420-28

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
PHOENIX CONTACT
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
   Router - FL MGUARD GT/GT
09/03/2014
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
   MODULAR CONNECTORS(ACCESSORIES)
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
   General Accessories Connectors
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
   THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
PHOENIX CONTACT
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
   Router - FL MGUARD GT/GT VPN
09/12/2020
logo
Soberton Inc.
GT-0603A-2 SOBERTON-GT-0603A-2 Datasheet
298Kb / 5P
   GT MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com