Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT0380-UV-A Datasheet(PDF) 4 Page - Marktech Corporate

Part # MT0380-UV-A
Description  ROUND LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT0380-UV-A Datasheet(HTML) 4 Page - Marktech Corporate

  MT0380-UV-A Datasheet HTML 1Page - Marktech Corporate MT0380-UV-A Datasheet HTML 2Page - Marktech Corporate MT0380-UV-A Datasheet HTML 3Page - Marktech Corporate MT0380-UV-A Datasheet HTML 4Page - Marktech Corporate MT0380-UV-A Datasheet HTML 5Page - Marktech Corporate MT0380-UV-A Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Electrical / Optical Characteristics Curves :
10
20
40
30
50
2.22.6
3.03.43.84.2
FORWARD CURRENT VS.APPLIED VOLTAGE
Applied Voltage (V)
Forward Current (mA)
FORWARD CURRENT VS. LUMINOUS INTENSITY
FORWARD CURRENT VS. AMBIENT TEMPERATURE
020
40
60
100
80
10
20
40
30
50
Temperature ( )
RADIATION DIAGRAM
80°
90°
60°
70°
50°
30°
40°
0.1
0.5
0.7
0.8
0.3
1.0
0.9
0.4
0.2
0.6
10°
20°
0.0
10.0
20.0
30.0
10.0
20.0
30.0
40.0
50.0
MT0380-UV-A
5.0mm ROUND LED
VER.: 01 Date: 20 / /
Page: /


Similar Part No. - MT0380-UV-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT0380-UV-A MARKTECH-MT0380-UV-A Datasheet
216Kb / 5P
   5.0mm ROUND LED LAMP
MT0380-UV-A MARKTECH-MT0380-UV-A_15 Datasheet
637Kb / 6P
   ROUND LED LAMP
More results

Similar Description - MT0380-UV-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3101N-UR-A MARKTECH-MT3101N-UR-A Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3118-Y-A MARKTECH-MT3118-Y-A Datasheet
249Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A Datasheet
275Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
MT3101N-UR-A MARKTECH-MT3101N-UR-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3203N-UG-A MARKTECH-MT3203N-UG-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A_15 Datasheet
136Kb / 6P
   ROUND LED LAMP
MT240-G-A MARKTECH-MT240-G-A_15 Datasheet
443Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A_15 Datasheet
275Kb / 5P
   ROUND LED LAMP
MT1403 MARKTECH-MT1403_15 Datasheet
181Kb / 5P
   ROUND LED LAMP
MT7315B-UR-A MARKTECH-MT7315B-UR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com