Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK615516-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SK615516-1
Description  Contact blocks and lamp blocks with holder for front mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SK615516-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SK615516-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SK615516-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
Pilot
Devices
Modular
Range
8.22
Low Voltage Products & Systems
1SXU 105 017 C0201
ABB Inc. • 888-385-1221 • www.abb-control.com
8
Discount schedule CA
Accessories
Contact blocks and lamp blocks with holder for front mounting
Max. number
of blocks
Included
in holder
blocks
Catalog No.
Ref. Code
For non-illuminated operators
3
1 NC
MCBH-01
1SFA 611 605 R1110
3
1 NO
MCBH-10
1SFA 611 605 R1101
3
2 NC
MCBH-02
1SFA 611 605 R1120
3
2 NO
MCBH-20
1SFA 611 605 R1102
3
3 NC
MCBH-03
1SFA 611 605 R1130
3
3 NO
MCBH-30
1SFA 611 605 R1103
3
1 NO + 1 NC
MCBH-11
1SFA 611 605 R1111
3
1 NO + 2 NC
MCBH-12
1SFA 611 605 R1121
3
2 NO + 1 NC
MCBH-21
1SFA 611 605 R1112
For illuminated operators
3
1 NC + 1 LB
MCBH-011
1SFA 611 605 R1210
3
1 NO + 1 LB
MCBH-101
1SFA 611 605 R1201
3
1 NO + 1 NC + 1 LB
MCBH-111
1SFA 611 605 R1211
3
2 NC + 1 LB
MCBH-021
1SFA 611 605 R1220
3
2 NO + 1 LB
MCBH-201
1SFA 611 605 R1202
Single contact blocks for front mounting
Included
blocks
Catalog No.
Ref. Code
1 NO
MCB-10
1SFA 611 610 R1001
1 NC
MCB-01
1SFA 611 610 R1010
1 NO with gold plated contacts
MCB-10G
1SFA 611 610 R1101
1 NC with gold plated contacts
MCB-01G
1SFA 611 610 R1110
Double contact block for front mounting
To be used together with MCBH5-00 when contact blocks in position 4- and 5- are needed.
Also when using MCBH-00 together with selector switch and contact block in positioon 3- is needed
Included blocks
Catalog No.
Ref. Code
2 NO
MCB-20
1SFA 611 610 R1002
2 NC
MCB-02
1SFA 611 610 R1020
1 NO + 1 NC
MCB-11
1SFA 611 610 R1011
Single lamp blocks for front mounting, Ba 9s base
Description
Catalog No.
Ref. Code
For max. 2 W, 230 V AC and DC
filament bulb or LED
MLB-1
1SFA 611 620 R1001
115 V AC supply voltage.
For 60 V filament bulb
max. 1.2 W
MLB-2
1SFA 611 620 R1002
230 V AC supply voltage.
For 130 V filament bulb
max. 2 W
MLB-3
1SFA 611 620 R1003
115 V AC and DC supply voltage
For 24 V LED
MLB-4
1SFA 611 620 R1004
24 V AC and DC supply voltage.
With resistor. Intended for electronic
circuits. The resistor limits the making
current and protects against disturban-
ces in the electronic circuit
For 24 V filament bulb
MLB-5
1SFA 611 620 R1005
Holders
Description
Catalog No.
Ref. Code
Holders for front mounting
For three blocks
MCBH-00
1SFA 611 605 R1100
For five blocks
MCBH5-00
1SFA 611 601 R1100
Contact blocks and lamp blocks for rear mounting See Page 8.43


Similar Part No. - SK615516-1

ManufacturerPart #DatasheetDescription
logo
ABB
SK615512-1 ABB-SK615512-1 Datasheet
25Mb / 172P
   Pilot devices, 22 mm The complete offering
Rev D
More results

Similar Description - SK615516-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
14004-2 COOPER-14004-2 Datasheet
55Kb / 1P
   Dead Front Terminal Blocks
logo
WECO ELECTRICAL CONNECT...
4003-B WECO-4003-B Datasheet
158Kb / 1P
   Socket terminal blocks with mounting holes
12.19
4002-B WECO-4002-B Datasheet
158Kb / 1P
   Socket terminal blocks with mounting holes
12.19
4010-B WECO-4010-B Datasheet
182Kb / 1P
   Socket terminal blocks with mounting holes
01.20
4011-B WECO-4011-B Datasheet
182Kb / 1P
   Socket terminal blocks with mounting holes
01.20
2-DIN-46284-ST WECO-2-DIN-46284-ST Datasheet
176Kb / 1P
   Socket terminal blocks with steel screws and mounting holes
12.19
3-DIN-46284-ST WECO-3-DIN-46284-ST Datasheet
176Kb / 1P
   Socket terminal blocks with steel screws and mounting holes
12.19
logo
Winchester Electronics ...
RM3W3S-1005 WINCHESTER-RM3W3S-1005 Datasheet
80Kb / 1P
   FRONT MOUNT HOUSING, 3W3S WITH LATCHING BLOCKS
logo
Littelfuse
L60030C-1C LITTELFUSE-L60030C-1C_06 Datasheet
166Kb / 2P
   Blocks and Holders
LPHV001 LITTELFUSE-LPHV001 Datasheet
148Kb / 1P
   Blocks and Holders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com