Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-36675-10 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 10-36675-10
Description  GT Connectors - accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10-36675-10 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  10-36675-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10-36675-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10-36675-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 10-36675-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 10-36675-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10-36675-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10-36675-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10-36675-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10-36675-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
86
CRIMP CONTACTS
CRIMP CONTACT DATA
APPLICATION TOOLS
PART NUMBER
MATING
SIZE
WIRE
WELL
Crimp Tools
Positioner/
Die Set
Locator/
Color
PIN CONTACT
SOCKET CONTACT
SILVER
GOLD(“D”)
SILVER
GOLD(“D”)
10-40553
10-597160-15D
10-597109-161
10-597109-16D
16S
16-18-20
Daniels AF8 or
Equivalent
TH29-1 or
Equivalent
Red
10-606014-40
10-597160-40D
10-597109-401
10-597109-40D
12-14
10-606014-221
10-597160-19D
10-597109-191
10-597109-19D
14-16
10-606014-291
10-597160-34D
10-597109-341
10-597109-34D
20-22
10-606014-46
10-597160-46D
10-597109-461
10-597109-46D
20-24
10-40557
10-597160-16D
10-597109-171
10-597109-17D
16
16-18-20
Pin - Blue
Socket - Green
10-606014-022
10-597160-22D
10-597109-221
10-597109-22D
12-14
10-606014-171
10-597160-17D
10-597109-141
10-597109-14D
14-16
10-606014-311
10-597160-33D
10-597109-331
10-597109-33D
20-22
10-606014-361
10-597160-36D
10-597109-361
10-597109-36D
20-24
10-606014-121
10-597160-12D
10-597109-131
10-597109-13D
12
12-14
Green
10-606014-231
10-597160-23D
10-597109-231
10-597109-23D
8-10
10-606014-251
10-597160-26D
10-597109-261
10-597109-26D
10-12
10-606014-271
10-597160-27D
10-597109-271
10-597109-27D
14-16-18
10-606014-261
10-597160-24D
10-597109-241
10-597109-24D
18-20
10-606014-201
10-597160-20D
10-597109-201
10-597109-20D
20-22
10-40792
10-597160-8D
10-40793
10-597109-8D
8
8
Pico 400BHD
Pico 414DA-8N
Pico
Pin - 4025
Socket - 4026
10-606014-41
10-597160-41D
10-597109-411
10-597109-41D
6
10-606014-321
10-597160-28D
10-606015-321
10-597109-28D
10-12
10-606014-381
10-597160-38D
10-597109-381
10-597109-38D
12-14
10-40564
10-597160-4D
10-40565
10-597109-4D
4
4
Pico 414DA-4N
Pico 4043
10-606014-58
10-597160-58D
10-597109-581
10-597109-58D
6
10-606014-331
10-597160-35D
10-597109-351
10-597109-35D
8
10-606014-44
10-597160-44D
10-606015-441
10-597109-44D
10
10-581806-000
10-597160-1D
10-581808-000
10-597159-1D
0
0
Pico 414DA-0N
Pico
Pin - 4042-1
Socket - 4042
10-606014-341
10-597160-29D
10-597109-291
10-597109-29D
0-2
10-606014-351
10-597160-30D
10-606015-351
10-597109-30D
4
10-597276-48
10-597276-48D
10-606015-48
10-597109-48D
2/0
2/0
Pico 500
Pico 514DA2/0N
Pico
Pin - 6490
10-597276-47
10-597276-47D
10-606015-47
10-597109-47D
4/0
4/0
Pico 514DA4/0N
Socket - 6491
Machined from copper alloys and silver or gold plated for maximum corrosion resistance, with a mini-
mum millivolt drop and a maximum current carrying capacity, the size 16 and 12 socket contacts are of
the closed entry design. Crimp contacts are available for all MS insert arrangements and are identified
with an Amphenol® proprietary number.
GT Connectors
crimp contacts and application tools
See page 87 for further contact information applicable to both crimp and solder contacts.
Additional contact variations including thermocouple and RADSOK power contacts are available; consult
Amphenol, Sidney, NY for information.


Similar Part No. - 10-36675-10

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
10-36-103-0001 HARTING-10-36-103-0001 Datasheet
516Kb / 2P
   Han Ex UL 3A Set
2021-10-01
10-36-104-0001 HARTING-10-36-104-0001 Datasheet
518Kb / 3P
   Han Ex UL 4A Set
2021-12-02
10-36-104-0003 HARTING-10-36-104-0003 Datasheet
519Kb / 3P
   Han Ex UL 4A-QL Set
2021-12-02
10-36-104-0004 HARTING-10-36-104-0004 Datasheet
519Kb / 3P
   Han Ex UL 4A-QL set
2021-12-02
10-36-104-0011 HARTING-10-36-104-0011 Datasheet
500Kb / 3P
   Han Ex UL 4A-QL Set
2021-12-02
More results

Similar Description - 10-36675-10

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
PHOENIX CONTACT
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
   Router - FL MGUARD GT/GT
09/03/2014
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
   MODULAR CONNECTORS(ACCESSORIES)
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
   General Accessories Connectors
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
   THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
PHOENIX CONTACT
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
   Router - FL MGUARD GT/GT VPN
09/12/2020
logo
Soberton Inc.
GT-0603A-2 SOBERTON-GT-0603A-2 Datasheet
298Kb / 5P
   GT MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com