Electronic Components Datasheet Search |
|
10-40450-24S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
10-40450-24S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 9 page 87 Machined copper alloy contacts in a full range of sizes, with closed entry socket design in the size 12 and 16 contacts. A heavy silver-plated finish is deposited on all MS style solder con- tacts for maximum corrosion resistance, maximum current carrying capacity and low millivolt drop. Gold plated contacts are also available. (See how to order, pg. 88). Pin/ Socket Mating End Size Wire Barrel Size Allowable Wire Size Test Current** Amps Pin Socket 16 Short† 16 16 18 20 22 13 10 7.5 5 Pin Socket 16 Long 16 16 18 20 22 13 10 7.5 5 Pin Socket 12 12 12 14 23 17 Pin Socket 88 8 10 46 33 Pin Socket 44 4 6 80 60 Pin Socket 00 0 1 2 150 125 100 ** Contact ratings as stated are test ratings only. The connector may not withstand full rated current through all contacts continuously. Please note that the electrical data given is not an establishment of electrical safety factors. This is left entirely in the designer’s hands as he can best determine which peak voltage, switching surges, transients, etc. can be expected in a particular circuit. Table I MIL-SPEC CONTACT ARRANGEMENT SERVICE RATING MS Service Rating Recommended Operating Voltage* at Sea Level Effective Creepage Distance Nom. Mechanical Spacing Nom. DC AC (RMS) Inst. 250 200 1/16 A 700 500 1/8 1/16 D 1250 900 3/16 1/8 E 1750 1250 1/4 3/16 B 2450 1750 5/16 1/4 C 4200 3000 1 5/16 * The values listed in Table I represent operating values which include a generous safety factor. It may be nec- essary for some applications to exceed the operating voltages listed here. If this is necessary, designers will find Table II useful for determining the degree to which the recommended values of Table I can be exceeded. Table II ALTITUDE VOLTAGE DERATING** CHART † Not corrected for changes in density due to variations in temperature ** No attempt has been made to recommend operating voltages. The designer must determine his own oper- ating voltage by the application of a safety factor to the above derating chart to compensate for circuit tran- sients, surges, etc. MS Service Rating Nominal Distance Standard Sea Level Conditions Pressure Altitude † 50,000 Feet Pressure Altitude † 70,000 Feet Airspace Creepage Minimum Flashover Voltage AC (RMS) Test Voltage AC (RMS) Minimum Flashover Voltage AC (RMS) Test Voltage AC (RMS) Minimum Flashover Voltage AC (RMS) Test Voltage AC (RMS) Inst. 1/32 1/16 1400 1000 550 400 325 260 A 1/16 1/8 2800 2000 800 600 450 360 D 1/8 3/16 3600 2800 900 675 500 400 E 3/16 1/4 4500 3500 1000 750 550 440 B 1/4 5/16 5700 4500 1100 825 600 480 C 5/16 1 8500 7000 1300 975 700 560 GT Connectors solder contacts † The 10SL, 14S and 16S connectors require short contacts. |
Similar Part No. - 10-40450-24S |
|
Similar Description - 10-40450-24S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |