Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCBH-30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCBH-30
Description  Contact blocks and lamp blocks with holder for front mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCBH-30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCBH-30 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCBH-30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
Pilot
Devices
Enclosed
Low Voltage Products & Systems
8.45
ABB Inc. • 888-385-1221 • www.abb-control.com
1SXU 105 017 C0201
8
Accessories
Contact blocks for rear mounting
Description
Catalog No.
Ref. Code
Contact block
1NO
MCB-10B
1SFA 611 610 R2001
1NC
MCB-01B
1SFA 611 610 R2010
Double contact block
2NO
MCB-20B
1SFA 611 610 R2002
2NC
MCB-02B
1SFA 611 610 R2020
1NO+1NC
MCB-11B
1SFA 611 610 R2011
Contact block with
gold plated contacts
1NO
MCB-10BG
1SFA 611 610 R2101
1NC
MCB-01BG
1SFA 611 610 R2110
Lamp blocks
For max. 2 W, 230 V AC and DC
filament bulb or LED
MLB-1B
1SFA 611 620 R2001
115 V AC supply voltage.
For 60 V filament bulb
max. 1.2 W
MLB-2B
1SFA 611 620 R2002
230 V AC supply voltage.
For 130 V filament bulb
max. 2 W
MLB-3B
1SFA 611 620 R2003
Protective sleeve
Description
Catalog No.
Ref. Code
To make a rear mounted lamp block
screen protected. IP20
5396 0543-1
5396 0543-1
Earthing terminal
Description
Catalog No.
Ref. Code
For plastic enclosure.
MA5-2005
1SFA 611 925 R3005
Spacer
Description
Catalog No.
Ref. Code
1 mm thick. Needed when legend plates
are not used in plastic enclosures.
Spacer (Packing unit 10 pieces)
SK 615 516-1
SK 615 516-1
Spacer for Modular emergency stop
pushbutton, page ??
(Packing unit 10 pieces)
KA1-8045
1SFA 616 920 R 8045
Blanking plug (22mm)
Description
Catalog No.
Ref. Code
Black plastic
SK 615 502-B
SK 615 502-B
Discount schedule CA


Similar Part No. - MCBH-30

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCB MERITEK-MCB Datasheet
433Kb / 15P
   Effective EMI protection
logo
Stackpole Electronics, ...
MCB SEI-MCB Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Allied Components Inter...
MCB05 ALLIED-MCB05 Datasheet
787Kb / 1P
   Mid Current Chip Beads
MCB05-100-RC ALLIED-MCB05-100-RC Datasheet
785Kb / 1P
   Mid Current Chip Bead s
MCB05-100-RC ALLIED-MCB05-100-RC Datasheet
787Kb / 1P
   Mid Current Chip Beads
More results

Similar Description - MCBH-30

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
14004-2 COOPER-14004-2 Datasheet
55Kb / 1P
   Dead Front Terminal Blocks
logo
WECO ELECTRICAL CONNECT...
4003-B WECO-4003-B Datasheet
158Kb / 1P
   Socket terminal blocks with mounting holes
12.19
4002-B WECO-4002-B Datasheet
158Kb / 1P
   Socket terminal blocks with mounting holes
12.19
4010-B WECO-4010-B Datasheet
182Kb / 1P
   Socket terminal blocks with mounting holes
01.20
4011-B WECO-4011-B Datasheet
182Kb / 1P
   Socket terminal blocks with mounting holes
01.20
2-DIN-46284-ST WECO-2-DIN-46284-ST Datasheet
176Kb / 1P
   Socket terminal blocks with steel screws and mounting holes
12.19
3-DIN-46284-ST WECO-3-DIN-46284-ST Datasheet
176Kb / 1P
   Socket terminal blocks with steel screws and mounting holes
12.19
logo
Winchester Electronics ...
RM3W3S-1005 WINCHESTER-RM3W3S-1005 Datasheet
80Kb / 1P
   FRONT MOUNT HOUSING, 3W3S WITH LATCHING BLOCKS
logo
Littelfuse
L60030C-1C LITTELFUSE-L60030C-1C_06 Datasheet
166Kb / 2P
   Blocks and Holders
LPHV001 LITTELFUSE-LPHV001 Datasheet
148Kb / 1P
   Blocks and Holders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com