Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBC13720NT1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MBC13720NT1
Description  SiGe C Low Noise Amplifier with Bypass Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MBC13720NT1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MBC13720NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MBC13720NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MBC13720NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MBC13720NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MBC13720NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MBC13720NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MBC13720NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MBC13720NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MBC13720NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Ordering Information
MBC13720 Technical Data, Rev. 4
2
Freescale Semiconductor
Gain @ 9.0 mA, 2.75 V:
14.5 dB @ 1.9 GHz
12 dB @ 2.4 GHz
Suitable for use from 400 MHz to 2.4 GHz
Bias stabilized for device and temperature variations
Ultra small SOT-363 surface mount package
Available only in tape and reel packaging
Available only in a lead free version (device number MBC13720NT1) (Refer to Table 1.)
Figure 1. Pin Connections
2
Ordering Information
Table 1 provides additional details on MBC13720 orderable parts.
Table 1. Orderable Parts Details
Device
Operating Temp
Range (TA.)
Package
Lead Frame
RoHS
Compliant
PB-Free
MSL
Level
Solder
Temp
MBC13720NT1
-40° to 85° C
Tape and Reel
Pb Free
Yes
Yes
1
260° C
2
1
3
4
5
6
Bias
Control
RF IN
RF OUT
BIAS
ENABLE 2
ENABLE 1
GND


Similar Part No. - MBC13720NT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MBC13720NT1 NXP-MBC13720NT1 Datasheet
1Mb / 24P
   SiGe:C Low Noise Amplifier with Bypass Switch
Rev. 4, 09/2011
More results

Similar Description - MBC13720NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com