Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDE1100G Datasheet(PDF) 3 Page - Rohm

Part # BDE1100G
Description  Thermostat Output Temperature ICs with Variable Detection Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDE1100G Datasheet(HTML) 3 Page - Rohm

  BDE1100G Datasheet HTML 1Page - Rohm BDE1100G Datasheet HTML 2Page - Rohm BDE1100G Datasheet HTML 3Page - Rohm BDE1100G Datasheet HTML 4Page - Rohm BDE1100G Datasheet HTML 5Page - Rohm BDE1100G Datasheet HTML 6Page - Rohm BDE1100G Datasheet HTML 7Page - Rohm BDE1100G Datasheet HTML 8Page - Rohm BDE1100G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BDE□□□0G Series
Technical Note
3/8
www.rohm.com
2011.07 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Lot No.
Product Type
Package Outline
Pin Description
Pin No.
Pin Name
Function
Comment
1
CTRL
Detection temperature setting
Refer to 2/7 page for the temperature set.
( Temperature / Output Format Table )
2
GND
GROUND
-
3
Vtemp
Output voltage in inverse proportion to the
temperature( TYP. -10.68mV/℃)
Set the OPEN state or
Connect high impedance input node.
4
VDD
POWER SUPPLY
-
5
OS
Digital thermostat output
Open Drain type
Use the pull-up resistor over 10kΩ.
SSOP5 (Unit: mm)


Similar Part No. - BDE1100G

ManufacturerPart #DatasheetDescription
logo
Rohm
BDE1100G ROHM-BDE1100G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
BDE1100G ROHM-BDE1100G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1100G ROHM-BDE1100G Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results

Similar Description - BDE1100G

ManufacturerPart #DatasheetDescription
logo
Rohm
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDJXXX1HFV ROHM-BDJXXX1HFV Datasheet
272Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function BDJ 1HFV Series
logo
List of Unclassifed Man...
H101 ETC2-H101 Datasheet
55Kb / 1P
   High Temperature Thermostat
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com