Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2545CDGK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2545CDGK
Description  2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2545CDGK Datasheet(HTML) 3 Page - Texas Instruments

  TLV2545CDGK Datasheet HTML 1Page - Texas Instruments TLV2545CDGK Datasheet HTML 2Page - Texas Instruments TLV2545CDGK Datasheet HTML 3Page - Texas Instruments TLV2545CDGK Datasheet HTML 4Page - Texas Instruments TLV2545CDGK Datasheet HTML 5Page - Texas Instruments TLV2545CDGK Datasheet HTML 6Page - Texas Instruments TLV2545CDGK Datasheet HTML 7Page - Texas Instruments TLV2545CDGK Datasheet HTML 8Page - Texas Instruments TLV2545CDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TLV2541, TLV2542, TLV2545
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS245E −MARCH 2000 − REVISED APRIL 2010
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
TLV2541
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN
4
I
Analog input channel
CS
1
I
Chip select. A high-to-low transition on the CS input removes SDO from 3-state within a maximum setup time.
CS can be used as the FS pin when a dedicated DSP serial port is used.
FS
7
I
DSP frame sync input. Indication of the start of a serial data frame. Tie this terminal to VDD if not used.
GND
3
I
Ground return for the internal circuitry. Unless otherwise noted, all voltage measurements are with respect to GND.
SCLK
5
I
Output serial clock. This terminal receives the serial SCLK from the host processor.
SDO
8
O
The 3-state serial output for the A/D conversion result. SDO is kept in the high-impedance state until CS falling edge
or FS rising edge, whichever occurs first. The output format is MSB first.
When FS is not used (FS = 1 at the falling edge of CS): The MSB is presented to the SDO pin after CS falling edge
and output data is valid on the first falling edge of SCLK.
When CS and FS are both used (FS = 0 at the falling edge of CS): The MSB is presented to the SDO pin after the
falling edge of CS. When CS is tied/held low, the MSB is presented on SDO after the rising FS. Output data is valid
on the first falling edge of SCLK. (This is typically used with an active FS from a DSP using a dedicated serial port.)
VDD
6
I
Positive supply voltage
VREF
2
I
External reference input
TLV2542/45
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN0 /AIN(+)
4
I
Analog input channel 0 for TLV2542—Positive input for TLV2545.
AIN1/AIN (−)
5
I
Analog input channel 1 for TLV2542—Inverted input for TLV2545.
CS
1
I
Chip select. A high-to-low transition on CS removes SDO from 3-state within a maximum delay time. This pin can
be connected to the frame sync of a DSP using a dedicated serial port.
GND
3
I
Ground return for the internal circuitry. Unless otherwise noted, all voltage measurements are with respect to GND.
SCLK
7
I
Output serial clock. This terminal receives the serial SCLK from the host processor.
SDO
8
O
The 3-state serial output for the A/D conversion result. SDO is kept in the high-impedance state when CS is high
and presents output data after the CS falling edge until the LSB is presented. The output format is MSB first. SDO
returns to the Hi-Z state after the 16th SCLK. Output data is valid on the falling SCLK edge.
VDD
6
I
Positive supply voltage
VREF
2
I
External reference input
detailed description
The TLV2541, TLV2542, and TLV2545 are successive approximation (SAR) ADCs utilizing a charge
redistribution DAC. Figure 1 shows a simplified version of the ADC.
The sampling capacitor acquires the signal on AIN during the sampling period. When the conversion process
starts, the SAR control logic and charge redistribution DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator into a balanced condition. When the comparator is
balanced, the conversion is complete and the ADC output code is generated.


Similar Part No. - TLV2545CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2545CDGK TI-TLV2545CDGK Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2545CDGK TI-TLV2545CDGK Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2545CDGKG4 TI-TLV2545CDGKG4 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLV2545CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com