Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1578CDARG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV1578CDARG4
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1578CDARG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV1578CDARG4 Datasheet HTML 1Page - Texas Instruments TLV1578CDARG4 Datasheet HTML 2Page - Texas Instruments TLV1578CDARG4 Datasheet HTML 3Page - Texas Instruments TLV1578CDARG4 Datasheet HTML 4Page - Texas Instruments TLV1578CDARG4 Datasheet HTML 5Page - Texas Instruments TLV1578CDARG4 Datasheet HTML 6Page - Texas Instruments TLV1578CDARG4 Datasheet HTML 7Page - Texas Instruments TLV1578CDARG4 Datasheet HTML 8Page - Texas Instruments TLV1578CDARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
control registers
Output =
Output =
Output =
0:
Binary
1:
2s
Complement
0:
Reserved
Bit,
Always
Write 0
0:
INT. OSC.
SLOW
1:
INT. OSC.
FAST
7h
6h
5h
STARTSEL
A1
A0
D6
D5
D4
D3
D2
D1
D0
D7
Control Register Zero (CR0)
D6
D7
D5
D4
D3
D2
D1
D0
Channels Swept
PROGEOC
CLKSEL
SWPWDN
MODESEL
CHSEL(2–0)†
0:
HARDWARE
START
(CSTART)
A(1:0)=00
1:
SOFTWARE
START
0:
INT
1:
EOC
0:
Internal
Clock
1:
External
Clock
0:
NORMAL
1:
Power
Down
0:
Single
Channel
1:
Sweep
Mode
D(2– 0)
0h
1h
2h
3h
4h
0,1
0,1,2,3
0,1,2,3,4,5,
0,1,2,3,4,5,6,7
N/A
N/A
N/A
N/A
3h
2h
1h
RESERVED
Control Register One (CR1)
D6
D7‡
D3
D2
D1
D0
IF READREG = 0
OSCSPD
0 Reserved 0 Reserved
OUTCODE
READREG
0:
Reserved
Bit
Always
Write 0
A(1:0)=01
0:
Reserved
Bit
Always
Write 0
0:
Enable Self
Test
ACTION
1:
Enable
Register
Read back
0h
1h
2h
3h
CONVERSION result
SELF TEST 1 result
SELF TEST 2 result
Output Contents of
CR1
RESERVED
RESERVED
STEST1
STEST0
CR1.(1–0)
SELF TEST 3 result
IF READREG = 1
Output Contents of
CR0
0h
7
6
5
Single
Input
0
1
2
3
4
Output =
D5‡
D4‡
† Don’t care for TLV1571
‡ When in read back mode, the values read from the control register reserved bits are don’t care.
Figure 2. Input Data Format


Similar Part No. - TLV1578CDARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1578CDARG4 TI-TLV1578CDARG4 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1578CDARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com