Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1543IDBRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV1543IDBRG4
Description  3.3-V Supply Operation 10-Bit-Resolution A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1543IDBRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1543IDBRG4 Datasheet HTML 2Page - Texas Instruments TLV1543IDBRG4 Datasheet HTML 3Page - Texas Instruments TLV1543IDBRG4 Datasheet HTML 4Page - Texas Instruments TLV1543IDBRG4 Datasheet HTML 5Page - Texas Instruments TLV1543IDBRG4 Datasheet HTML 6Page - Texas Instruments TLV1543IDBRG4 Datasheet HTML 7Page - Texas Instruments TLV1543IDBRG4 Datasheet HTML 8Page - Texas Instruments TLV1543IDBRG4 Datasheet HTML 9Page - Texas Instruments TLV1543IDBRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
6
WWW.TI.COM
Table 2. Analog-Channel-Select Address
ANALOG INPUT
SELECTED
VALUE SHIFTED INTO
ADDRESS INPUT
SELECTED
BINARY
HEX
A0
0000
0
A1
0001
1
A2
0010
2
A3
0011
3
A4
0100
4
A5
0101
5
A6
0110
6
A7
0111
7
A8
1000
8
A9
1001
9
A10
1010
A
Table 3. Test-Mode-Select Address
INTERNAL SELF-TEST
VOLTAGE SELECTED†
VALUE SHIFTED INTO
ADDRESS INPUT
OUTPUT RESULT (HEX)‡
VOLTAGE SELECTED†
BINARY
HEX
OUTPUT RESULT (HEX)‡
V
ref
) –Vref–
1011
B
200
V
ref
) –Vref–
2
1011
B
200
Vref −
1100
C
000
Vref +
1101
D
3FF
† Vref+ is the voltage applied to the REF+ input, and Vref− is the voltage applied to the REF−
input.
‡ The output results shown are the ideal values and vary with the reference stability and with
internal offsets.
converter and analog input
The CMOS threshold detector in the successive-approximation conversion system determines each bit by
examining the charge on a series of binary-weighted capacitors (see Figure 1). In the first phase of the
conversion process, the analog input is sampled by closing the SC switch and all ST switches simultaneously.
This action charges all the capacitors to the input voltage.
In the next phase of the conversion process, all ST and SC switches are opened and the threshold detector
begins identifying bits by identifying the charge (voltage) on each capacitor relative to the reference (REF −)
voltage. In the switching sequence, ten capacitors are examined separately until all ten bits are identified and
the charge-convert sequence is repeated. In the first step of the conversion phase, the threshold detector looks
at the first capacitor (weight = 512). Node 512 of this capacitor is switched to the REF+ voltage, and the
equivalent nodes of all the other capacitors on the ladder are switched to REF −. If the voltage at the summing
node is greater than the trip point of the threshold detector (approximately one-half the VCC voltage), a bit 0 is
placed in the output register and the 512-weight capacitor is switched to REF −. If the voltage at the summing
node is less than the trip point of the threshold detector, a bit 1 is placed in the register and the 512-weight
capacitor remains connected to REF + through the remainder of the successive-approximation process. The
process is repeated for the 256-weight capacitor, the 128-weight capacitor, and so forth down the line until all
bits are counted.
With each step of the successive-approximation process, the initial charge is redistributed among the
capacitors. The conversion process relies on charge redistribution to count and weigh the bits from MSB to LSB.


Similar Part No. - TLV1543IDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1543IDBR TI-TLV1543IDBR Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLV1543IDBRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9481 AD-AD9481_17 Datasheet
724Kb / 29P
   3.3 V A/D Converter
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480 AD-AD9480 Datasheet
1Mb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
logo
Fujitsu Component Limit...
MB88111 FUJITSU-MB88111 Datasheet
169Kb / 26P
   A/D Converter (With 24-Channel Input at 10-bit Resolution)
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com