Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1578CDA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1578CDA
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1578CDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1578CDA Datasheet HTML 2Page - Texas Instruments TLV1578CDA Datasheet HTML 3Page - Texas Instruments TLV1578CDA Datasheet HTML 4Page - Texas Instruments TLV1578CDA Datasheet HTML 5Page - Texas Instruments TLV1578CDA Datasheet HTML 6Page - Texas Instruments TLV1578CDA Datasheet HTML 7Page - Texas Instruments TLV1578CDA Datasheet HTML 8Page - Texas Instruments TLV1578CDA Datasheet HTML 9Page - Texas Instruments TLV1578CDA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
hardware configuration option
The TLV1571/TLV1578 can configure itself. This option is enabled when the WR pin is tied to ground and a
dummy RD signal is applied. The ADC is now fully configured. Zeros or default values are applied to both control
registers. The ADC is configured ideally for 3-V operation, which means the internal OSC is set at 10 MHz, single
channel input mode, and hardware start of conversion using CSTART.
ADC conversion modes
The TLV1571/ TLV1578 provides two conversion modes and two start of conversion modes. In single channel
input mode, a single channel is continuously sampled and converted. In sweep mode (only available for the
TLV1578), a predetermined set of channels is continuously sampled and converted. Table 1 explains these
modes in more detail.
Table 1. Conversion Modes
MODES
START OF
CONVER-
SION
OPERATION
COMMENT–SET BITS
CR0.D(2–0) FOR INPUT
Single
Channel
Input†
CR0.D3 = 0
CR1.D7 = 0
Hardware
Start
(CSTART)
CR0.D7 = 0
• Repeated conversions from a selected channel
• CSTART falling edge to start sampling
• CSTART rising edge to start conversion
• If in INT mode, one INT pulse generated after each conversion
• If in EOC mode, EOC will go high to low at start of conversion, and return high
at end of conversion.
CSTART rising edge must
be applied a minimum of
5 ns before or after CLK
rising edge.
Software
Start
CR0.D7 = 1
• Repeated conversions from a selected channel
• WR rising edge to start sampling initially. Thereafter, sampling occurs at the rising
edge of RD.
• Conversion begins after 6 clocks after sampling has begun. Thereafter, if in INT
mode, one INT pulse is generated after each conversion
• If in EOC mode, EOC will go high to low at start of conversion and return high at
end of conversion.
With external clock, WR
and RD rising edge must be
a minimum 5 ns before or
after CLK rising edge.
Channel
Sweep
CR0.D3 = 1
CR1.D7 = 0
Hardware
Start
(CSTART)
CR0.D7 = 0
• One conversion per channel from a predetermined sequence of channels
• CSTART falling edge to start sampling
• CSTART rising edge to start conversion
• If in INT mode, one INT pulse generated after each conversion
• If in EOC mode, EOC will go high to low at start of conversion, and return high
at end of conversion.
CSTART rising edge must
be applied a minimum of
5 ns before or after CLK
rising edge.
Software
Start
CR0.D7 = 1
• One conversion per channel from a sequence of channels
• WR rising edge to start sampling
• ADC proceeds to sample next channel at rising edge of RD. Conversion begins
after 6 clocks and lasts 10 clocks
• If in INT mode, one INT pulse generated after each conversion
• If in EOC mode, EOC will go high to low at start of conversion and return high at
end of conversion.
With external clock, WR
and RD rising edge must be
a minimum 5 ns before or
after CLK rising edge.
† Single channel input mode repeatedly samples and converts from the channel until WR is applied.


Similar Part No. - TLV1578CDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1578CDA TI-TLV1578CDA Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDA TI-TLV1578CDA Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDAG4 TI-TLV1578CDAG4 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDAR TI-TLV1578CDAR Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDARG4 TI-TLV1578CDARG4 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1578CDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com