Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2542IDG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2542IDG4
Description  2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2542IDG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2542IDG4 Datasheet HTML 7Page - Texas Instruments TLV2542IDG4 Datasheet HTML 8Page - Texas Instruments TLV2542IDG4 Datasheet HTML 9Page - Texas Instruments TLV2542IDG4 Datasheet HTML 10Page - Texas Instruments TLV2542IDG4 Datasheet HTML 11Page - Texas Instruments TLV2542IDG4 Datasheet HTML 12Page - Texas Instruments TLV2542IDG4 Datasheet HTML 13Page - Texas Instruments TLV2542IDG4 Datasheet HTML 14Page - Texas Instruments TLV2542IDG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TLV2541, TLV2542, TLV2545
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS245E −MARCH 2000 − REVISED APRIL 2010
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
ac specifications (fi = 20 kHz)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal to noise ratio +distortion
200 KSPS, VDD = VREF = 5.5 V
70
72
dB
SINAD
Signal-to-noise ratio +distortion
150 KSPS, VDD = VREF = 2.7 V
68
71
dB
THD
Total harmonic distortion
200 KSPS, VDD = VREF = 5.5 V
−84
−80
dB
THD
Total harmonic distortion
150 KSPS, VDD = VREF = 2.7 V
−84
−80
dB
ENOB
Effective number of bits
200 KSPS, VDD = VREF = 5.5 V
11.8
Bits
ENOB
Effective number of bits
150 KSPS, VDD = VREF = 2.7 V
11.6
Bits
SFDR
Spurious free dynamic range
200 KSPS, VDD = VREF = 5.5 V
−84
−80
dB
SFDR
Spurious free dynamic range
150 KSPS, VDD = VREF = 2.7 V
−84
−80
dB
Analog Input
Full-power bandwidth, −3 dB
1
MHz
Full-power bandwidth, −1 dB
500
kHz
external reference specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference input voltage
VDD = 2.7 V to 5.5 V
2
VDD
V
V
55 V
CS = 1, SCLK = 0
100
Reference input impedance
VDD = 5.5 V
CS = 0, SCLK = 20 MHz
20
25
Reference input impedance
V
27 V
CS = 1, SCLK = 0
100
VDD = 2.7 V
CS = 0, SCLK = 20 MHz
20
25
Reference current
VDD = VREF = 5.5 V,
CS = 0, SCLK = 20 MHz
100
400
μA
Reference current
VDD = VREF = 2.7 V,
CS = 0, SCLK = 20 MHz
50
200
μA
V
V
55 V
CS = 1, SCLK = 0
5
15
Reference input capacitance
VDD = VREF = 5.5 V
CS = 0, SCLK = 20 MHz
20
45
50
pF
Reference input capacitance
V
V
27 V
CS = 1, SCLK = 0
5
15
pF
VDD = VREF = 2.7 V
CS = 0, SCLK = 20 MHz
20
45
50
VREF
Reference voltage
VDD = 2.7 V to 5.5 V
VDD
V
dc specification, VDD = VREF = 2.7 V to 5.5 V, SCLK frequency = 20 MHz at 5 V, 15 MHz at 3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL
Integral linearity error (see Note 4)
±0.6
±1
LSB
DNL
Differential linearity error
See Note 3
±0.5
±1
LSB
E
Offset error (see Note 5)
See Note 3
TLV2541/42
±1.5
LSB
EO
Offset error (see Note 5)
See Note 3
TLV2545
±2.5
LSB
E
Gain error (see Note 5)
See Note 3
TLV2541/42
±2
LSB
EG
Gain error (see Note 5)
See Note 3
TLV2545
±5
LSB
E
Total unadjusted error (see Note 6)
See Note 3
TLV2541/42
±2
LSB
Et
Total unadjusted error (see Note 6)
See Note 3
TLV2545
±5
LSB
NOTES: 3. Analog input voltages greater than that applied to VREF convert as all ones (111111111111).
4. Linear error is the maximum deviation from the best straight line through the A/D transfer characteristics.
5. Zero error is the difference between 000000000000 and the converted output for zero input voltage: full-scale error is the difference
between 111111111111 and the converted output for full-scale input voltage.
6. Total unadjusted error comprises linearity, zero, and full-scale errors.


Similar Part No. - TLV2542IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2542IDG4 TI-TLV2542IDG4 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLV2542IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com