Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1572 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV1572
Description  2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1572 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1572_14 Datasheet HTML 2Page - Texas Instruments TLV1572_14 Datasheet HTML 3Page - Texas Instruments TLV1572_14 Datasheet HTML 4Page - Texas Instruments TLV1572_14 Datasheet HTML 5Page - Texas Instruments TLV1572_14 Datasheet HTML 6Page - Texas Instruments TLV1572_14 Datasheet HTML 7Page - Texas Instruments TLV1572_14 Datasheet HTML 8Page - Texas Instruments TLV1572_14 Datasheet HTML 9Page - Texas Instruments TLV1572_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TLV1572
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
SLAS171A – DECEMBER 1997– REVISED SEPTEMBER 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tc
1
2
3
th1
tsu1
tsu2
th2
td1
0
td(L)1
SCLK
CS
FS
DO
Figure 1. DSP Mode Timing Diagram
1
2
3
00
SCLK
CS
FS
DO
4
0
td(L)2
td2
Figure 2.
µC Mode Timing Diagram


Similar Part No. - TLV1572_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572CD TI-TLV1572CD Datasheet
192Kb / 13P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CD TI1-TLV1572CD Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDG4 TI1-TLV1572CDG4 Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDR TI1-TLV1572CDR Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDRG4 TI1-TLV1572CDRG4 Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results

Similar Description - TLV1572_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1572IDR TI1-TLV1572IDR Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com