Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1572 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV1572
Description  2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1572 Datasheet(HTML) 5 Page - Texas Instruments

  TLV1572_14 Datasheet HTML 1Page - Texas Instruments TLV1572_14 Datasheet HTML 2Page - Texas Instruments TLV1572_14 Datasheet HTML 3Page - Texas Instruments TLV1572_14 Datasheet HTML 4Page - Texas Instruments TLV1572_14 Datasheet HTML 5Page - Texas Instruments TLV1572_14 Datasheet HTML 6Page - Texas Instruments TLV1572_14 Datasheet HTML 7Page - Texas Instruments TLV1572_14 Datasheet HTML 8Page - Texas Instruments TLV1572_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLV1572
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
SLAS171A – DECEMBER 1997– REVISED SEPTEMBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 5 V,
VREF = 5 V, fSCLK = 20 MHz (unless otherwise noted) (continued)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Signal-to-noise ratio + distortion
f(input) = 200 kHz
54
58
dB
THD
Total harmonic distortion
f(input) = 200 kHz
56
60
dB
Effective number of bits
f(input) = 200 kHz
8.7
9.35
Bits
Spurious-free dynamic range
f(input) = 200 kHz
57
62
dB
Analog Input
BW
Full-power bandwidth
Source impedance = 1 k
12
MHz
BW
Small-signal bandwidth
Source impedance = 1 k
20
Mhz
timing specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tc
SCLK period
VCC = 4.5 V – 5.5 V
50
ns
tc
SCLK period
VCC = 2.7 V – 3.3 V
100
ns
trs
Reset and sampling period
6
SLCK
cycles
tc
Conversion period
10
SLCK
cycles
tsu1
FS setup time to SCLK falling edge in DSP mode
10
ns
th1
FS hold time to SCLK falling edge in DSP mode
4
ns
tsu2
FS setup time to CS falling edge in DSP mode
6
ns
th2
FS hold time to CS falling edge in DSP mode
9
ns
td1
Output delay after SCLK rising edge in DSP mode
15
25
ns
td(L)1
FS falling edge to next SCLK falling edge in DSP mode
6
ns
td(L)2
SCLK rising edge after CS falling edge in
µC mode
4
ns
td2
Output delay after SCLK rising edge in
µC mode
15
25
ns
Specifications subject to change without notice.


Similar Part No. - TLV1572_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572CD TI-TLV1572CD Datasheet
192Kb / 13P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CD TI1-TLV1572CD Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDG4 TI1-TLV1572CDG4 Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDR TI1-TLV1572CDR Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDRG4 TI1-TLV1572CDRG4 Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results

Similar Description - TLV1572_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1572IDR TI1-TLV1572IDR Datasheet
504Kb / 15P
[Old version datasheet]   SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com