Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5540IPWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC5540IPWRG4
Description  8-Bit Resolution Differential Linearity Error Integral Linearity Error
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5540IPWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5540IPWRG4 Datasheet HTML 6Page - Texas Instruments TLC5540IPWRG4 Datasheet HTML 7Page - Texas Instruments TLC5540IPWRG4 Datasheet HTML 8Page - Texas Instruments TLC5540IPWRG4 Datasheet HTML 9Page - Texas Instruments TLC5540IPWRG4 Datasheet HTML 10Page - Texas Instruments TLC5540IPWRG4 Datasheet HTML 11Page - Texas Instruments TLC5540IPWRG4 Datasheet HTML 12Page - Texas Instruments TLC5540IPWRG4 Datasheet HTML 13Page - Texas Instruments TLC5540IPWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
10
APPLICATION INFORMATION
grounding and power supply considerations
A signal ground is a low-impedance path for current to return to the source. Inside the TLC5540 A/D converter,
the analog ground and digital ground are connected to each other through the substrate, which has a very small
resistance (~30
Ω) to prevent internal latch-up. For this reason, it is strongly recommended that a printed circuit
board (PCB) of at least 4 layers be used with the TLC5540 and the converter DGND and AGND pins be
connected directly to the analog ground plane to avoid a ground loop. Figure 11 shows the recommended
decoupling and grounding scheme for laying out a multilayer PC board with the TLC5540. This scheme ensures
that the impedance connection between AGND and DGND is minimized so that their potential difference is
negligible and noise source caused by digital switching current is eliminated.
0.1
µF
0.1
µF
11
13
24
2
14
15
18
20
21
VDDD
GND
VDDA
AGND
TLC5540
Signal Plane
Analog Ground Plane
Analog Supply Plane
Signal Plane
Digital Supply Plane
0.1
µF
0.1
µF
0.1
µF
Figure 11. AVDD, DVDD, AGND, and DGND Connections
printed circuit board (PCB) layout considerations
When designing a circuit that includes high-speed digital and precision analog signals such as a high speed
ADC, PCB layout is a key component to achieving the desired performance. The following recommendations
should be considered during the prototyping and PCB design phase:
D Separate analog and digital circuitry physically to help eliminate capacitive coupling and crosstalk. When
separate analog and digital ground planes are used, the digital ground and power planes should be several
layers from the analog signals and power plane to avoid capacitive coupling.
D Full ground planes should be used. Do not use individual etches to return analog and digital currents or
partial ground planes. For prototyping, breadboards should be constructed with copper clad boards to
maximize ground plane.
D The conversion clock, CLK, should be terminated properly to reduce overshoot and ringing. Any jitter on
the conversion clock degrades ADC performance. A high-speed CMOS buffer such as a 74ACT04 or
74AC04 positioned close to the CLK terminal can improve performance.
D Minimize all etch runs as much as possible by placing components very close together. It also proves
beneficial to place the ADC in a corner of the PCB nearest to the I/O connector analog terminals.
D It is recommended to place the digital output data latch (if used) as close to the TLC5540 as possible to
minimize capacitive loading. If D0 through D7 must drive large capacitive loads, internal ADC noise may
be experienced.


Similar Part No. - TLC5540IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5540IPWRG4 TI-TLC5540IPWRG4 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLC5540IPWRG4

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
   Measures Bit Error Rate
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
   Bit Error Rate Tester
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
   Bit Error Ratio Tester
logo
Dallas Semiconductor
DS2172 DALLAS-DS2172 Datasheet
213Kb / 21P
   Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
   Bit Error Rate Tester (BERT)
101000
logo
Fujitsu Component Limit...
MB1426 FUJITSU-MB1426 Datasheet
734Kb / 15P
   16 BIT ERROR CHECKING & CORRECTION
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
   3.3V Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
   3.3V Bit Error Rate Tester (BERT)
101000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com