Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5540IPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5540IPWR
Description  8-Bit Resolution Differential Linearity Error Integral Linearity Error
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5540IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5540IPWR Datasheet HTML 2Page - Texas Instruments TLC5540IPWR Datasheet HTML 3Page - Texas Instruments TLC5540IPWR Datasheet HTML 4Page - Texas Instruments TLC5540IPWR Datasheet HTML 5Page - Texas Instruments TLC5540IPWR Datasheet HTML 6Page - Texas Instruments TLC5540IPWR Datasheet HTML 7Page - Texas Instruments TLC5540IPWR Datasheet HTML 8Page - Texas Instruments TLC5540IPWR Datasheet HTML 9Page - Texas Instruments TLC5540IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
6
operating characteristics at VDD = 5 V, VRT = 2.6 V, VRB = 0.6 V, fs = 40 MSPS, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
fs
Maximum conversion rate
TA = MIN to MAX
40
MSPS
fs
Minimum conversion rate
TA = MIN to MAX
5
MSPS
BW
Analog input full-power bandwidth
At − 3 dB,
VI(ANLG) = 2 Vpp
75
MHz
tpd
Delay time, digital output
CL ≤ 10 pF (see Note 2)
9
15
ns
tPHZ
Disable time, output high to Hi-Z
CL ≤ 15 pF,
IOH = −4.5 mA
20
ns
tPLZ
Disable time, output low to Hi-Z
CL ≤ 15 pF,
IOL = 5 mA
20
ns
tPZH
Enable time, Hi-Z to output high
CL ≤ 15 pF,
IOH = −4.5 mA
15
ns
tPZL
Enable time, Hi-Z to output low
CL ≤ 15 pF,
IOL = 5 mA
15
ns
Differential gain
NTSC 40 IRE‡ modulation wave,
1%
Differential phase
NTSC 40 IRE‡ modulation wave,
fs = 14.3 MSPS
0.7
degrees
tAJ
Aperture jitter time
30
ps
td(s)
Sampling delay time
4
ns
fI = 1 MHz
47
fs = 20 MSPS
fI = 3 MHz
44
47
fs = 20 MSPS
fI = 6 MHz
46
SNR
Signal-to-noise ratio
fI = 10 MHz
45
dB
SNR
Signal-to-noise ratio
fI = 3 MHz
45.2
dB
fs = 40 MSPS
fI = 6 MHz
42
44
fs = 40 MSPS
fI = 10 MHz
42
fI = 1 MHz
7.64
fs = 20 MSPS
fI = 3 MHz
7.61
ENOB
Effective number of bits
fs = 20 MSPS
fI = 6 MHz
7.47
Bits
ENOB
Effective number of bits
fI = 10 MHz
7.16
Bits
fs = 40 MSPS
fI = 3 MHz
7
fs = 40 MSPS
fI = 6 MHz
6.8
fI = 1 MHz
43
fs = 20 MSPS
fI = 3 MHz
35
42
THD
Total harmonic distortion
fs = 20 MSPS
fI = 6 MHz
41
dBc
THD
Total harmonic distortion
fI = 10 MHz
38
dBc
fs = 40 MSPS
fI = 3 MHz
40
fs = 40 MSPS
fI = 6 MHz
38
Spurious-free dynamic range
fs = 20 MSPS
fI = 3 MHz
41
46
dBc
Spurious-free dynamic range
fs = 40 MSPS
fI = 3 MHz
42
dBc
† Conditions marked MIN or MAX are as stated in recommended operating conditions.
‡ Institute of Radio Engineers
(2) CL includes probe and jig capacitance.


Similar Part No. - TLC5540IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5540IPWR TI-TLC5540IPWR Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
TLC5540IPWRG4 TI-TLC5540IPWRG4 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLC5540IPWR

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
   Measures Bit Error Rate
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
   Bit Error Rate Tester
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
   Bit Error Ratio Tester
logo
Dallas Semiconductor
DS2172 DALLAS-DS2172 Datasheet
213Kb / 21P
   Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
   Bit Error Rate Tester (BERT)
101000
logo
Fujitsu Component Limit...
MB1426 FUJITSU-MB1426 Datasheet
734Kb / 15P
   16 BIT ERROR CHECKING & CORRECTION
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
   3.3V Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
   3.3V Bit Error Rate Tester (BERT)
101000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com