Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5540INSRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC5540INSRG4
Description  8-Bit Resolution Differential Linearity Error Integral Linearity Error
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5540INSRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC5540INSRG4 Datasheet HTML 1Page - Texas Instruments TLC5540INSRG4 Datasheet HTML 2Page - Texas Instruments TLC5540INSRG4 Datasheet HTML 3Page - Texas Instruments TLC5540INSRG4 Datasheet HTML 4Page - Texas Instruments TLC5540INSRG4 Datasheet HTML 5Page - Texas Instruments TLC5540INSRG4 Datasheet HTML 6Page - Texas Instruments TLC5540INSRG4 Datasheet HTML 7Page - Texas Instruments TLC5540INSRG4 Datasheet HTML 8Page - Texas Instruments TLC5540INSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
5
electrical characteristics at VDD = 5 V, VI(REFT) = 2.6 V, VI(REFB) = 0.6 V, fs = 40 MSPS, TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
EL
Linearity error, integral
TA = 25°C
±0.6
±1
EL
Linearity error, integral
fs = 40 MSPS,
TA = MIN to MAX
±1
LSB
ED
Linearity error, differential
fs = 40 MSPS,
VI = 0.6 V to 2.6 V
TA = 25°C
±0.3 ±0.75
LSB
ED
Linearity error, differential
VI = 0.6 V to 2.6 V
TA = MIN to MAX
±1
Self bias (1), VRB
Short REFB to REFBS
See Figure 13
0.57
0.61
0.65
Self bias (1), VRT
Short REFT to REFTS
See Figure 13
2.47
2.63
2.80
V
Self bias (2), VRB
Short REFB to AGND
See Figure 14
AGND
V
Self bias (2), VRT
Short REFT to REFTS
See Figure 14
2.18
2.29
2.4
Iref
Reference-voltage current
VI(REFT) − VI(REFB) = 2 V
5.2
7.5
12
mA
Rref
Reference-voltage resistor
Between REFT and REFB terminals
165
270
350
Ci
Analog input capacitance
VI(ANLG) = 1.5 V + 0.07 Vrms
4
pF
EZS
Zero-scale error
VI(REFT) − VI(REFB) = 2 V
−18
−43
−68
mV
EFS
Full-scale error
VI(REFT) − VI(REFB) = 2 V
−25
0
25
mV
IIH
High-level input current
VDD = 5.25 V,
VIH = VDD
5
A
IIL
Low-level input current
VDD = 5.25 V,
VIL = 0
5
µA
IOH
High-level output current
OE = GND,
VDD = 4.75 V, VOH = VDD −0.5 V
−1.5
mA
IOL
Low-level output current
OE = GND,
VDD = 4.75 V, VOL = 0.4 V
2.5
mA
IOZH(lkg)
High-level
high-impedance-state
output leakage current
OE = VDD,
VDD = 5.25,
VOH = VDD
16
A
IOZL(lkg)
Low-level
high-impedance-state
output leakage current
OE = VDD,
VDD = 4.75,
VOL = 0
16
µA
IDD
Supply current
fs = 40 MSPS, CL ≤ 25 pF,
NTSC‡ ramp wave input, See Note 1
17
27
mA
† Conditions marked MIN or MAX are as stated in recommended
operating conditions.
‡ National Television System Committee
(1) Supply current specification does not include Iref.


Similar Part No. - TLC5540INSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5540INSR TI-TLC5540INSR Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLC5540INSRG4

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
   Measures Bit Error Rate
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
   Bit Error Rate Tester
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
   Bit Error Ratio Tester
logo
Dallas Semiconductor
DS2172 DALLAS-DS2172 Datasheet
213Kb / 21P
   Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
   Bit Error Rate Tester (BERT)
101000
logo
Fujitsu Component Limit...
MB1426 FUJITSU-MB1426 Datasheet
734Kb / 15P
   16 BIT ERROR CHECKING & CORRECTION
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
   3.3V Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
   3.3V Bit Error Rate Tester (BERT)
101000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com