Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5540CPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5540CPW
Description  8-Bit Resolution Differential Linearity Error Integral Linearity Error
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5540CPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5540CPW Datasheet HTML 7Page - Texas Instruments TLC5540CPW Datasheet HTML 8Page - Texas Instruments TLC5540CPW Datasheet HTML 9Page - Texas Instruments TLC5540CPW Datasheet HTML 10Page - Texas Instruments TLC5540CPW Datasheet HTML 11Page - Texas Instruments TLC5540CPW Datasheet HTML 12Page - Texas Instruments TLC5540CPW Datasheet HTML 13Page - Texas Instruments TLC5540CPW Datasheet HTML 14Page - Texas Instruments TLC5540CPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
11
PRINCIPLES OF OPERATION
functional description
The TLC5540 uses a modified semiflash architecture as shown in the functional block diagram. The four most
significant bits (MSBs) of every output conversion result are produced by the upper comparator block CB1. The
four least significant bits (LSBs) of each alternate output conversion result are produced by the lower
comparator blocks CB-A and CB-B in turn (see Figure 12).
The reference voltage that is applied to the lower comparator resistor string is one sixteenth of the amplitude
of the refence applied to the upper comparator resistor string. The sampling comparators of the lower
comparator block require more time to sample the lower voltages of the reference and residual input voltage.
By applying the residual input voltage to alternate lower comparator blocks, each comparator block has twice
as much time to sample and convert as would be the case if only one lower comparator block were used.
VI(1)
VI(2)
VI(3)
VI(4)
CLK1
CLK2
CLK3
CLK4
S(1)
C(1)
S(2)
C(2)
S(3)
C(3)
S(4)
C(4)
S(1)
H(1)
C(1)
S(3)
H(3)
C(3)
H(0)
C(0)
S(2)
H(2)
C(2)
S(4)
H(4)
LD(−2)
OUT(−2)
OUT(−1)
OUT(0)
OUT(1)
ANALOG IN
(Sampling Points)
CLK (Clock)
Upper Comparators Block (CB1)
Upper Data
Lower Reference Voltage
Lower Comparators Block (CB-A)
Lower Data (A)
Lower Comparators Block (CB-B)
Lower Data (B)
D1 −D8 (Data Output)
UD(0)
RV(0)
UD(1)
RV(1)
UD(2)
RV(2)
UD(3)
RV(3)
LD(−1)
LD(0)
LD(1)
LD(2)
tpd
Figure 12. Internal Functional Timing Diagram
This conversion scheme, which reduces the required sampling comparators by 30 percent compared to
standard semiflash architectures, achieves significantly higher sample rates than the conventional semiflash
conversion method.


Similar Part No. - TLC5540CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5540CPW TI-TLC5540CPW Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
TLC5540CPWR TI-TLC5540CPWR Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLC5540CPW

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
   Measures Bit Error Rate
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
   Bit Error Rate Tester
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
   Bit Error Ratio Tester
logo
Dallas Semiconductor
DS2172 DALLAS-DS2172 Datasheet
213Kb / 21P
   Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
   Bit Error Rate Tester (BERT)
101000
logo
Fujitsu Component Limit...
MB1426 FUJITSU-MB1426 Datasheet
734Kb / 15P
   16 BIT ERROR CHECKING & CORRECTION
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
   3.3V Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
   3.3V Bit Error Rate Tester (BERT)
101000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com