Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7865IPBSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7865IPBSR
Description  Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7865IPBSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7865IPBSR Datasheet HTML 4Page - Texas Instruments ADS7865IPBSR Datasheet HTML 5Page - Texas Instruments ADS7865IPBSR Datasheet HTML 6Page - Texas Instruments ADS7865IPBSR Datasheet HTML 7Page - Texas Instruments ADS7865IPBSR Datasheet HTML 8Page - Texas Instruments ADS7865IPBSR Datasheet HTML 9Page - Texas Instruments ADS7865IPBSR Datasheet HTML 10Page - Texas Instruments ADS7865IPBSR Datasheet HTML 11Page - Texas Instruments ADS7865IPBSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CLOCK
CONVST
10ns
Cyc e
l 1
Cyc e
l 2
A
B
C
10ns
5ns
5ns
ADS7865
SBAS441C – OCTOBER 2008 – REVISED APRIL 2012
www.ti.com
TIMING REQUIREMENTS
(1)
ADS7865
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tCONV
Conversion time
fCLOCK = 32MHz
13
tCLK
tACQ
Acquisition time
62.5
ns
fCLK
CLOCK frequency
1
32
MHz
tCLK
CLOCK period
31.25
1000
ns
tCLKL
CLOCK low time
9.4
ns
tCLKH
CLOCK high time
9.4
ns
t1
CONVST low time
20
ns
CONVST falling edge to BUSY high
t2
3
ns
delay(2)
t3
CONVST high time
20
ns
t4
RD falling edge to BUSY high setup time
1
tCLK
t5
14th CLOCK rising edge to BUSY low delay
3
ns
See Figure 1
CS falling edge to RD or WR falling edge
t6
0
ns
setup time
CS rising edge to RD or WR rising edge
t7
0
ns
hold time
t8
WR low time
10
ns
t9
RD high time between two read accesses
10
ns
t10
RD falling edge to output data valid delay
20
ns
t11
Output data hold time
5
ns
t12
Input data setup time
10
ns
t13
Input data hold time
5
ns
Input data still valid to CONVST falling edge
t14
31.25
ns
setup time
(1)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Not applicable in auto-Nap power-down mode.
NOTE: All CONVST commands that occur more than 10ns before the rising edge of cycle '1' of the external clock (Region 'A') initiate a
conversion on the rising edge of cycle '1'. All CONVST commands that occur 5ns after the rising edge of cycle '1' or 10ns before the rising
edge of cycle '2' (Region 'B') initiate a conversion on the rising edge of cycle '2'. All CONVST commands that occur 5ns after the rising edge
of cycle '2' (Region 'C') initiate a conversion on the rising edge of the next clock period.
The CONVST pin should never be switched from LOW to HIGH in the region 10ns before the rising edge of the CLOCK and 5ns after the
rising edge (gray areas). If CONVST is toggled in this gray area, the conversion could begin on either the same rising edge of the CLOCK or
the following edge.
Figure 2. CONVST Timing
8
Copyright © 2008–2012, Texas Instruments Incorporated


Similar Part No. - ADS7865IPBSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865IPBSR TI-ADS7865IPBSR Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSRG4 TI-ADS7865IPBSRG4 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Similar Description - ADS7865IPBSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com