Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4126 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS4126
Description  12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4126 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS4126_14 Datasheet HTML 3Page - Texas Instruments ADS4126_14 Datasheet HTML 4Page - Texas Instruments ADS4126_14 Datasheet HTML 5Page - Texas Instruments ADS4126_14 Datasheet HTML 6Page - Texas Instruments ADS4126_14 Datasheet HTML 7Page - Texas Instruments ADS4126_14 Datasheet HTML 8Page - Texas Instruments ADS4126_14 Datasheet HTML 9Page - Texas Instruments ADS4126_14 Datasheet HTML 10Page - Texas Instruments ADS4126_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
ADS4126
, ADS4129
ADS4146
, ADS4149
www.ti.com
SBAS483G – NOVEMBER 2009 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, and 0dB gain, unless otherwise noted.
Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and
DRVDD = 1.8V.
ADS4126/ADS4146 (160MSPS)
ADS4129/ADS4149 (250MSPS)
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range
2
2
VPP
Differential input resistance (at dc); see Figure 114
> 1
> 1
M
Ω
Differential input capacitance; see Figure 115
4
4
pF
Analog input bandwidth
550
550
MHz
Analog input common-mode current (per input pin)
0.6
0.6
µA/MSPS
Common-mode output voltage
VCM
0.95
0.95
V
VCM output current capability
4
4
mA
DC ACCURACY
Offset error
–15
2.5
15
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
0.003
mV/°C
Gain error as a result of internal reference
EGREF
–2
2
–2
2
%FS
inaccuracy alone
Gain error of channel alone
EGCHAN
–0.2
–0.2
–1
%FS
Temperature coefficient of EGCHAN
0.001
0.001
Δ%/°C
POWER SUPPLY
IAVDD
72
83
99
113
mA
Analog supply current
IDRVDD(1)
Output buffer supply current
39.5
51
47
mA
LVDS interface with 100
Ω external termination
Low LVDS swing (200mV)
IDRVDD
Output buffer supply current
51
63
59
72
mA
LVDS interface with 100
Ω external termination
Standard LVDS swing (350mV)
IDRVDD output buffer supply current(1)(2)
CMOS interface(2)
26
35
mA
8pF external load capacitance
fIN = 2.5MHz
Analog power
130
179
mW
LVDS interface, low LVDS swing
71.1
84.6
mW
Digital power
CMOS interface(2)
47
63
mW
8pF external load capacitance
fIN = 2.5MHz
Global power-down
10
25
10
25
mW
Standby
185
185
mW
(1)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10pF.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Similar Part No. - ADS4126_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Similar Description - ADS4126_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com